Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 3Page - NXP Semiconductors PCD5096 Datasheet HTML 4Page - NXP Semiconductors PCD5096 Datasheet HTML 5Page - NXP Semiconductors PCD5096 Datasheet HTML 6Page - NXP Semiconductors PCD5096 Datasheet HTML 7Page - NXP Semiconductors PCD5096 Datasheet HTML 8Page - NXP Semiconductors PCD5096 Datasheet HTML 9Page - NXP Semiconductors PCD5096 Datasheet HTML 10Page - NXP Semiconductors PCD5096 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
1997 Jan 22
7
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
6.3
Supply concept
The universal codec is designed for 3 V systems with a voltage range of 2.7 to 3.6 V. To allow connection to 5 V systems
the digital I/Os include level shifters. The core must run on 3.3 V and the peripheral supply on 5 V.
The five power supplies are listed in Table 2. Codec 1 and Codec 2 have their own power supplies: VDDA_1 and VDDA_2
respectively. VDD_PLL is the power supply dedicated to the PLL. The digital core and the memories are powered by VDD_2
and the digital peripherals by VDD_1. All digital pins (EARP_HF, EARM_HF, TEST, RESET, DI, DO, FSC, DCL, IO0, IO1,
CLK, SCL, SDA, A0 and A1) have internal level shifters, allowing the chip to be used in a 3 to 5 V environment.
Table 2
PCD5096 power supply
SUPPLY PAIR
ASSOCIATED DEVICE
VDD_1 and VSS_1
3 to 5 V peripheral supply
VDD_2 and VSS_2
3 V digital core supply
VDD_PLL and VSS_PLL
3 V PLL supply
VDDA_1 and VSSA_1
3 V Codec 1 supply
VDDA_2 and VSSA_2
3 V Codec 2 supply
Fig.3 PCx5096 supply rails with protection diodes.
handbook, full pagewidth
MBH862
VSS_1
VDD_1
VSSA_1
VDDA_1
VSSA_2
VDDA_2
VSS_2
VDD_2
VSS_PLL
VDD_PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com