Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 13Page - NXP Semiconductors PCD5096 Datasheet HTML 14Page - NXP Semiconductors PCD5096 Datasheet HTML 15Page - NXP Semiconductors PCD5096 Datasheet HTML 16Page - NXP Semiconductors PCD5096 Datasheet HTML 17Page - NXP Semiconductors PCD5096 Datasheet HTML 18Page - NXP Semiconductors PCD5096 Datasheet HTML 19Page - NXP Semiconductors PCD5096 Datasheet HTML 20Page - NXP Semiconductors PCD5096 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
1997 Jan 22
17
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
8.3.5
CONTROL REGISTER 3 (CR3)
This 16-bit register is used to adjust the reference voltage of Codec 1 and Codec 2 to 2000 mV. An accuracy of 12 mV
is guaranteed. The equation for determining the reference voltage (VREFn) for each codec is given below:
Where ‘n’ is the codec number and can take a value of ‘1’ or ‘2’. The default value for VBGP is 1.25 V but this may vary
due to process spread (see Chapter 16). Note that increasing RVnREF reduces VREFn.
For correct function of the analog blocks, care must be taken to have sensible values in CR3. For example, bits (15:14),
as well as (7:6) must be ‘10’. The state of this register after reset is A0A0H.
Table 16 Control Register 3 (address 78H)
Table 17 Control Register 3 (continued)
Table 18 Description of CR2 bits
15
14
13
12
11
10
9
8
1
0
RV2REF5
RV2REF4
RV2REF3
RV2REF2
RV2REF1
RV2REF0
76543210
1
0
RV1REF5
RV1REF4
RV1REF3
RV1REF2
RV1REF1
RV1REF0
BIT
SYMBOL
DESCRIPTION
15
−
This bit must be set to a logic 1.
14
−
This bit must be set to a logic 0.
13
RV2REF5
These 5 bits are used to select the reference voltage of Codec 2.
12
RV2REF4
11
RV2REF3
10
RV2REF2
9
RV2REF1
8
RV2REF0
7
−
This bit must be set to a logic 1.
6
−
This bit must be set to a logic 0.
5
RV1REF5
These 5 bits are used to select the reference voltage of Codec 1.
4
RV1REF4
3
RV1REF3
2
RV1REF2
1
RV1REF1
0
RV1REF0
VREFn
256
VBGP
×
RVnREF
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com