Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCD5096 Datasheet HTML 1Page - NXP Semiconductors PCD5096 Datasheet HTML 2Page - NXP Semiconductors PCD5096 Datasheet HTML 3Page - NXP Semiconductors PCD5096 Datasheet HTML 4Page - NXP Semiconductors PCD5096 Datasheet HTML 5Page - NXP Semiconductors PCD5096 Datasheet HTML 6Page - NXP Semiconductors PCD5096 Datasheet HTML 7Page - NXP Semiconductors PCD5096 Datasheet HTML 8Page - NXP Semiconductors PCD5096 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
1997 Jan 22
5
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
6
PINNING INFORMATION
6.1
Pin description
Table 1
QFP44 package
SYMBOL
PIN
I/O(1)
DESCRIPTION
IO0
1
I/O
programmable I/O pin 0 (Schmitt trigger input, pull-up output)
IO1
2
I/O
programmable I/O pin 1 (Schmitt trigger input, pull-up output)
CLK
3
I
clock input
VDD_PLL
4
P
3 V analog supply for PLL
VSS_PLL
5
P
analog ground supply for PLL
VSS_1
6
P
peripheral ground supply
VDD_1
7
P
3 to 5 V peripheral supply
SCL
8
I
I2C-bus clock signal input (Schmitt trigger)
SDA
9
I/O
I2C-bus data signal
A0
10
I
I2C-bus subaddress
A1
11
I
I2C-bus subaddress
LIFM_DA1
12
O
negative analog output from Codec 1 to line interface
LIFP_DA1
13
O
positive analog output from Codec 1 to line interface
VDDA_1
14
P
3 V analog supply for Codec 1
LIFM_AD1
15
I
negative analog input to Codec 1 from line interface
LIFP_AD1
16
I
positive analog input to Codec 1 from line interface
VSSA_1
17
P
analog ground supply for Codec 1
MICM1
18
I
negative analog input to Codec 1 from microphone
MICP1
19
I
positive analog input to Codec 1 from microphone
VREF1
20
O
Codec 1 analog reference voltage
VBGP
21
O
bandgap analog output voltage
VREF2
22
O
Codec 2 analog reference voltage
VMIC_HS
23
O
positive analog supply voltage from Codec 2 for handset microphone
MICP_HS
24
I
positive analog input to Codec 2 from handset microphone
MICM_HS
25
I
negative analog input to Codec 2 from handset microphone
VMIC_HF
26
O
positive analog supply voltage from Codec 2 for hands-free microphone
MICP_HF
27
I
positive analog input to Codec 2 from hands-free microphone
MICM_HF
28
I
negative analog input to Codec 2 from hands-free microphone
VSSA_2
29
P
analog ground supply for Codec 2
LIFP_AD2
30
I
positive analog input to Codec 2 from line interface
LIFM_AD2
31
I
negative analog input to Codec 2 from line interface
VDDA_2
32
P
3 V analog supply for Codec 2
EARP_HS
33
O
positive analog output from Codec 2 to handset earpiece
EARM_HS
34
O
negative analog output from Codec 2 to handset earpiece
EARP_HF
35
O
positive output to hands-free earpiece
EARM_HF
36
O
negative output to hands-free earpiece
TEST
37
I
test input; pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com