Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 34Page - NXP Semiconductors PCD5096 Datasheet HTML 35Page - NXP Semiconductors PCD5096 Datasheet HTML 36Page - NXP Semiconductors PCD5096 Datasheet HTML 37Page - NXP Semiconductors PCD5096 Datasheet HTML 38Page - NXP Semiconductors PCD5096 Datasheet HTML 39Page - NXP Semiconductors PCD5096 Datasheet HTML 40Page - NXP Semiconductors PCD5096 Datasheet HTML 41Page - NXP Semiconductors PCD5096 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
1997 Jan 22
38
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
Table 37 Control registers for two active channels
13.2
Conference call between one PSTN line and two IOM buffers
The PCD5096 is able to perform a 3 party conference call. Figure 23 shows a typical configuration, with two handsets in
conference call with an PSTN line. Tables 38, 39 and 40 show possible settings for the DSP parameters, the IOM control
table and the control registers in the PCD5096.
Note that the LLb block of the PCD5096 could be used in parallel to connect a second PSTN line to another IOM buffer.
This is not covered in this example.
SDR
ADDRESS
(HEX)
PARAMETER NAME
VALUE
(HEX)
FUNCTION
78
codec control
005B
Codec 1 ON, Codec 2 ON
79
IOM control
0004
IOM slave mode, 768 kbits/s
7A
gain settings A/D and D/A paths
D0D0
A/D gain = +9 dB, D/A gain = 0 dB for both channels
7B
VREF1, VREF2 settings
A0A0
default setting for VREF1 and VREF2
7C
DSP modes
0048
both channels run in speech and tone mode
Fig.23 Conference call between one PSTN line and two IOM buffers.
handbook, full pagewidth
MBH879
PPa, PPb
RADIO
CIRCUIT
IOM-2
LLa
LLb
CCa
a/b
PCD5093
PCD5096



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com