Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5096 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCD5096
Description  Universal codec
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5096 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCD5096 Datasheet HTML 25Page - NXP Semiconductors PCD5096 Datasheet HTML 26Page - NXP Semiconductors PCD5096 Datasheet HTML 27Page - NXP Semiconductors PCD5096 Datasheet HTML 28Page - NXP Semiconductors PCD5096 Datasheet HTML 29Page - NXP Semiconductors PCD5096 Datasheet HTML 30Page - NXP Semiconductors PCD5096 Datasheet HTML 31Page - NXP Semiconductors PCD5096 Datasheet HTML 32Page - NXP Semiconductors PCD5096 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
1997 Jan 22
29
Philips Semiconductors
Preliminary specification
Universal codec
PCD5096
11 CODEC TEST LOOPS
11.1
Test modes definition
For debug and evaluation purposes some test loops are
implemented in the speech codecs. These test loops are
activated by setting bits 13 to 8 in Control Register 0; see
Table 32. The signal flow in the test loops is shown in
Fig.16 and is described as follows:
• Normal operation: the codec is not in any of its test loop
modes; used for a normal application.
• 1 bit analog: this loop is intended for a separate
evaluation of the analog parts of the codec. A bitstream
interface (108fs) is available. Via TEST_INPUT
bitstream data is fed to the DAC and bitstream data from
the ADC is present on TEST_OUTPUT.
• 1 bit digital: this loop allows the evaluation of DDF and
DNS at the 108fs interface. Bitstream data from
TEST_INPUT is led to DDF and bitstream data from
DNS is available on TEST_OUTPUT.
• 1 bit closed loop: a connection between the bitstream
output of the ADC and the bitstream input of the DAC is
made. The bitstream data is also made available on
TEST_OUTPUT.
• 4fs codec: the 4fs codec loop gives access to the 4fs
interface for evaluation of DDF and DNS. 16-bit input
data is serially shifted in (two’s complement, MSB first)
on TEST_INPUT and the 14 MSBs are used by DNS.
On the other side 16 bits DDF output data is serially
shifted out on TEST_OUTPUT.
• 4f
s DSP: this loop allows evaluation of the DSP
software. On TEST_INPUT and TEST_OUTPUT, data
can be exchanged with the DSP (16 bits serially, 2’s
complement, MSB first).
• 4fs closed loop: a connection between the parallel
output of DDF and the input of DNS is made. The loop
data at 4fs can be monitored by shifting out bits serially
via TEST_OUTPUT.
• PCM probe: this special test loop allows the evaluation
of DSP software. The DSP software however, must
include a test mode in which any 16-bit data at a sample
rate of fs or 8 kHz (normally only present as numbers
within the DSP algorithm) is written to the output line that
is connected to DNS. While normally the data on this line
has a 4fs (32 kHz) sample rate, up to four (interleaved)
PCM signals can be monitored via TEST_OUTPUT.
Next to these hardware codec test loops there also may be
software DSP test loops, depending on the DSP software
version. For more information about the DSP software the
DSP manuals must be consulted.
In all codec test loop modes (except the normal operation
mode) the signals lines TEST_INPUT_x and
TEST_OUTPUT_x (x = 1 for Codec 1, x = 2 for Codec 2)
are mapped onto pins that normally have a different
function. Next to these data signals some timing signals
(FS4 and CLK3) are presented on pins. Table 33 shows
which pins are used in the codec test loop modes.
Table 32 Selection of functional test modes for Codec 1 and Codec 2
CDC1TM2
CDC1TM1
CDC1TM0
FUNCTIONAL TEST MODE
CDC2TM2
CDC2TM1
CDC2TM0
0
0
0
normal operation
0
0
1
1 bit analog
0
1
0
1 bit digital
0
1
1
1 bit closed loop
100
4fs codec
101
4fs DSP
110
4fs closed loop
1
1
1
PCM probe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com