Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32AP Datasheet(PDF) 69 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 65Page - ATMEL Corporation AVR32AP Datasheet HTML 66Page - ATMEL Corporation AVR32AP Datasheet HTML 67Page - ATMEL Corporation AVR32AP Datasheet HTML 68Page - ATMEL Corporation AVR32AP Datasheet HTML 69Page - ATMEL Corporation AVR32AP Datasheet HTML 70Page - ATMEL Corporation AVR32AP Datasheet HTML 71Page - ATMEL Corporation AVR32AP Datasheet HTML 72Page - ATMEL Corporation AVR32AP Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 181 page
background image
69
32001A–AVR32–06/06
AVR32
6.
Instruction Cache
The AVR32 AP uses an instruction cache in order to increase performance and lower power
consumption. The cache has the following features:
• Virtually indexed, physically tagged.
• 4-way Set-associative.
• 32-byte line size.
• Least recently used (LRU) allocate-on-read-miss line replacements.
• Easily portable using standard single and two port RAMs.
• Lockable on a per-line basis.
• Cacheable or uncacheable operation configurable on a per-page basis through the MMU.
• All accesses are subject to MMU protection and translation checks.
• Powerful cache maintenance operations, allowing many common cache operations to be
performed through a single instruction.
The number of sets in the instruction cache is specified in the CONFIG1 register described in
chapter 2.6. The total cache size is (number of sets * line size * associativity), i.e. (128 * number
of sets) bytes.
6.1
Behaviour
Reset invalidates all entries in the ICache.
All instruction fetches will result in an ICache lookup and will return the cached data if the
requested address is found in the cache (a cache hit). If data are found in the cache, they are
returned even if the memory area is marked as uncacheable. If the address is not found (a
cache miss) and the address is in a cacheable area, a burst read access is started on the sys-
tem bus in order to read an entire cache line of data. The read data will be written to an unlocked
line according to a LRU scheme, possibly replacing another line.
If a cache miss is in an uncacheable area, a single non-sequential read is started on the system
bus.
If the MMU is disabled or the fetch is from an unmapped segment, the cacheability of memory
areas is predefined as shown in the architecture manual. If the MMU is enabled and the fetch is
from a mapped segment, the cacheability of memory areas is controlled through the C bit in the
TLB.
If the MMU signals an exception, the cache will abandon the fetch. The exception is handled by
the CPU as soon as it knows if the instruction should really be executed, but is ignored if it turns
out to be a needlessly prefetched instruction.
There is no hardware support for self-modifying code. If any memory that may be cached in the
ICache is modified during execution, the programmer is responsible for ensuring ICache consis-
tency. See chapter 6.3 for details on how to do this.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com