Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32AP Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 51Page - ATMEL Corporation AVR32AP Datasheet HTML 52Page - ATMEL Corporation AVR32AP Datasheet HTML 53Page - ATMEL Corporation AVR32AP Datasheet HTML 54Page - ATMEL Corporation AVR32AP Datasheet HTML 55Page - ATMEL Corporation AVR32AP Datasheet HTML 56Page - ATMEL Corporation AVR32AP Datasheet HTML 57Page - ATMEL Corporation AVR32AP Datasheet HTML 58Page - ATMEL Corporation AVR32AP Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 181 page
background image
55
32001A–AVR32–06/06
AVR32
4.2.2.7
TLB Accessed Register LO - TLBARLO
The TLBARLO register is a 32-bit register with 32 1-bit fields. Each of these fields contain the
Accessed bit for the corresponding UTLB entry. Bit 0 in TLBARLO correspond to UTLB entry 0,
bit 31 in TLBARLO correspond to UTLB entry 32.
Note: The contents of TLBARLO are reversed to let the Count Leading Zero (CLZ) instruction be
used directly on the contents of the registers. E.g. if CLZ returns the value four on the contents
of TLBARLO, then item four is the first unused item in the TLB.
4.2.3
Page Table Organization
The MMU leaves the page table organization up to the OS software. Since the page table han-
dling and TLB handling is done in software, the OS is free to implement different page table
organizations. It is recommended, however, that the page table entries (PTEs) are of the format
shown in Figure 4-4. This allows the loaded PTE to be written directly into TLBELO, without the
need for reformatting. How the PTEs are indexed and organized in memory is left to the OS.
Figure 4-4.
Recommended Page Table Entry format
4.2.4
TLB organization
The TLB is used as a cache for the page table, in order to speed up the virtual memory transla-
tion process. A single TLB is implemented in AVR32 AP, with 32 entries. The TLB is configured
as shown in Table 4-5.
Figure 4-5.
TLB organization
The A bit is the Accessed bit. This bit is set when the TLB entry is loaded with a new value using
the tlbw instruction. It is cleared whenever the TLB matching process finds a match in the spe-
cific TLB entry. The A bit is used to implement pseudo-LRU replacement algorithms.
When an address look-up is performed by the TLB, the address section is searched for an entry
matching the virtual address to be accessed. The matching process is described in chapter
4.2.5.
G
D
PFN
C
B
0
9
10
31
SZ
AP
W
87 65 43 21
VPN[21:0]
ASID[7:0]
G
D
PFN[21:0]
C
B
V
AP[2:0]
W
Entry 0
VPN[21:0]
ASID[7:0]
G
D
PFN[21:0]
C
B
V
AP[2:0]
W
Entry 1
VPN[21:0]
ASID[7:0]
G
W
PFN[21:0]
C
B
V
AP[2:0]
D
Entry 2
VPN[21:0]
ASID[7:0]
G
W
PFN[21:0]
C
B
V
AP[2:0]
D
Entry 3
VPN[21:0]
ASID[7:0]
G
W
PFN[21:0]
C
B
V
AP[2:0]
D
Entry 31
Address section
Data section
SZ[1:0]
SZ[1:0]
SZ[1:0]
SZ[1:0]
SZ[1:0]
A
A
A
A
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com