Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32AP Datasheet(PDF) 27 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 23Page - ATMEL Corporation AVR32AP Datasheet HTML 24Page - ATMEL Corporation AVR32AP Datasheet HTML 25Page - ATMEL Corporation AVR32AP Datasheet HTML 26Page - ATMEL Corporation AVR32AP Datasheet HTML 27Page - ATMEL Corporation AVR32AP Datasheet HTML 28Page - ATMEL Corporation AVR32AP Datasheet HTML 29Page - ATMEL Corporation AVR32AP Datasheet HTML 30Page - ATMEL Corporation AVR32AP Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 181 page
background image
27
32001A–AVR32–06/06
AVR32
Figure 3-4.
Forwarding destinations
3.9
Hazards not handled by the hardware
All hazards occurring between normal arithmetical, logical, load-store and change-of-flow
instructions are handled automatically by hardware. There are, however, a few instruction
sequences which must be sequenced by the user. These sequences are described in this chap-
ter. The programmer can assume that any instruction sequence other than the sequences
explicitly mentioned in this chapter will work without any special consideration.
3.9.1
Accessing system registers with mtsr and mfsr
The mtsr instruction writes the contents of a register into a system register. The system registers
control the behaviour of the CPU. The programmer must make sure that any mtsr instruction has
committed and has altered the state of the system in the desired way before issuing any new
instructions that depend on this new state. This can be done by inserting nop instructions, or
other instructions that do not depend on the new state generated by the mtsr instruction.
Table 2-2, “System Registers implemented in AVR32 AP,” on page 10 details the timing for
writes into the different system registers. The system registers are written as the mtsr instruction
leaves the pipeline stage described in the table. The system registers are read as the mfsr
instruction leaves the pipeline stage described in the table. As soon as a system register is read
by mfsr, it can be forwarded as any regular register file register.
Some of the system registers are located inside modules on the TCB bus. These are written
when the mtsr instruction leaves the D pipeline stage. Instructions depending on a mtsr to these
system registers being committed must therefore wait in the IS stage until the effects of the mtsr
is guaranteed to be visible to the instruction. The following code demonstrates a write to the
ASID field of TLBEHI, followed by a rete to an address which requires the new ASID to be visi-
ble. A nop is inserted to guarantee that the mtsr leaves the D stage at the same time as rete
leaves the A1 stage. In the following cycle, the icache will start fetching at the specified address
A1
M1
M2
D
WB
A2
Integer unit
Load-store unit
IF
Prefetch unit
DA
Reg
File
Issue
Pointer
To cache



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com