Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32AP Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 68Page - ATMEL Corporation AVR32AP Datasheet HTML 69Page - ATMEL Corporation AVR32AP Datasheet HTML 70Page - ATMEL Corporation AVR32AP Datasheet HTML 71Page - ATMEL Corporation AVR32AP Datasheet HTML 72Page - ATMEL Corporation AVR32AP Datasheet HTML 73Page - ATMEL Corporation AVR32AP Datasheet HTML 74Page - ATMEL Corporation AVR32AP Datasheet HTML 75Page - ATMEL Corporation AVR32AP Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 181 page
background image
72
32001A–AVR32–06/06
AVR32
Example:
Mov R0, 0
cache DCACHE_FLUSH, R0[DCACHE_CLEAN_ALL]
sync 0
cache ICACHE_FLUSH, R0[ICACHE_INVALIDATE_ALL]
mov PC, new_code_label
6.4
Debug access to ICache memories
It is possible to directly access the memories in the ICache through the SAB bus.
The ICache maps read or write requests to the cache memories by decoding the address as
shown below:
Figure 6-1.
ICache direct access addressing.
Note that the ICache only supports word-aligned 32-bit accesses. Other sizes or alignments may
cause undefined behaviour.
Table 6-3.
ICache direct access address fields
Field
Size (bits)
Description
T/D
1
Access tag memories if set, data memories if cleared
Way
2
Selects which line in a set to access.
Set
log2(number of sets)
Selects which set to access.
Byte
5
Selects which byte of the line to access.
Ignored if accessing tag memory.
Ignored
T/D
Way
Set
Byte
31
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com