Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32AP Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 76Page - ATMEL Corporation AVR32AP Datasheet HTML 77Page - ATMEL Corporation AVR32AP Datasheet HTML 78Page - ATMEL Corporation AVR32AP Datasheet HTML 79Page - ATMEL Corporation AVR32AP Datasheet HTML 80Page - ATMEL Corporation AVR32AP Datasheet HTML 81Page - ATMEL Corporation AVR32AP Datasheet HTML 82Page - ATMEL Corporation AVR32AP Datasheet HTML 83Page - ATMEL Corporation AVR32AP Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 181 page
background image
80
32001A–AVR32–06/06
AVR32
Table 8-1.
TCB signals
Name
Dir
Description
tcb_cmd[7:0]
Out
Value
Semantic
Comment
0
IDLE
No TCB activity
1write.w
CRd on tcb_cprega
Data to coprocessor on tcb_wdataa
2write.d
CRd+1:CRd on tcb_cprega:tcb_cpregb
Data to coprocessor on
tcb_wdataa:tcb_wdatab
3
read.w
CRs on tcb_cprega
Data from coprocessor on tcb_rdataa
4
read.d
CRs+1:CRs on tcb_cprega:tcb_cpregb
Data from coprocessor on
tcb_rdataa:tcb_rdatab
5mtsr
SysRegNo[3:0] on tcb_cprega
SysRegNo[7:4] on tcb_cpno
Data to system register on tcb_wdataa
6mfsr
SysRegNo[3:0] on tcb_cprega
SysRegNo[7:4] on tcb_cpno
Data from system register on tcb_rdataa
7mtdr
DebugRegNo[3:0] on tcb_cprega
DebugRegNo[7:4] on tcb_cpno
Data to debug register on tcb_wdataa
8mfdr
DebugRegNo[3:0] on tcb_cprega
DebugRegNo[7:4] on tcb_cpno
Data from debug register on tcb_rdataa
9
tlbr
tcb_cpreg* and tcb_cpno not used
10
tlbs
tcb_cpreg* and tcb_cpno not used
11
tlbw
tcb_cpreg* and tcb_cpno not used
128-
255
COP opcode
The opcode of the COP instruction.
tcb_cpno[3:0]
Out
Used to address coprocessors or system register blocks. 8 Different
coprocessors and 16 different system register blocks are supported in
AVR32 AP.
Bits 2:0 are used for carrying the coprocessor number for coprocessor
instructions. Bits 3:0 are used for carrying the system register block
address for mt(s,d)r and mf(s,d)r, which is given by SysRegNo[7:4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com