Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32AP Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 4Page - ATMEL Corporation AVR32AP Datasheet HTML 5Page - ATMEL Corporation AVR32AP Datasheet HTML 6Page - ATMEL Corporation AVR32AP Datasheet HTML 7Page - ATMEL Corporation AVR32AP Datasheet HTML 8Page - ATMEL Corporation AVR32AP Datasheet HTML 9Page - ATMEL Corporation AVR32AP Datasheet HTML 10Page - ATMEL Corporation AVR32AP Datasheet HTML 11Page - ATMEL Corporation AVR32AP Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 181 page
background image
8
32001A–AVR32–06/06
AVR32
D - Debug state
The processor is in debug state when this bit is set. The bit is cleared at reset and should only be
modified by debug hardware, the breakpoint instruction or the retd instruction. Undefined behav-
iour may result if the user tries to modify this bit manually.
M2, M1, M0 - Execution Mode
These bits show the active execution mode. The different settings for the different modes are
shown in Table 2-1. M2 and M1 are cleared by reset while M0 is set so that the processor is in
supervisor mode after reset. These bits are modified by hardware, or execution of certain
instructions like scall, rets and rete. Undefined behaviour may result if the user tries to modify
these bits manually.
EM - Exception mask
When this bit is set, exceptions are masked. Exceptions are enabled otherwise. The bit is auto-
matically set when exception processing is initiated or Debug Mode is entered. Software may
clear this bit after performing the necessary measures if nested exceptions should be supported.
This bit is set at reset.
I3M - Interrupt level 3 mask
When this bit is set, level 3 interrupts are masked. If I3M and GM are cleared, INT3 interrupts
are enabled. The bit is automatically set when INT3 processing is initiated. Software may clear
this bit after performing the necessary measures if nested INT3s should be supported. This bit is
cleared at reset.
I2M - Interrupt level 2 mask
When this bit is set, level 2 interrupts are masked. If I2M and GM are cleared, INT2 interrupts
are enabled. The bit is automatically set when INT3 or INT2 processing is initiated. Software
may clear this bit after performing the necessary measures if nested INT2s should be supported.
This bit is cleared at reset.
I1M - Interrupt level 1 mask
When this bit is set, level 1 interrupts are masked. If I1M and GM are cleared, INT1 interrupts
are enabled. The bit is automatically set when INT3, INT2 or INT1 processing is initiated. Soft-
ware may clear this bit after performing the necessary measures if nested INT1s should be
supported. This bit is cleared at reset.
Table 2-1.
Mode bit settings
M2
M1
M0
Mode
1
1
1
Non Maskable Interrupt
11
0Exception
1
0
1
Interrupt level 3
1
0
0
Interrupt level 2
0
1
1
Interrupt level 1
0
1
0
Interrupt level 0
0
0
1
Supervisor
0
0
0
Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com