Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32AP Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 5Page - ATMEL Corporation AVR32AP Datasheet HTML 6Page - ATMEL Corporation AVR32AP Datasheet HTML 7Page - ATMEL Corporation AVR32AP Datasheet HTML 8Page - ATMEL Corporation AVR32AP Datasheet HTML 9Page - ATMEL Corporation AVR32AP Datasheet HTML 10Page - ATMEL Corporation AVR32AP Datasheet HTML 11Page - ATMEL Corporation AVR32AP Datasheet HTML 12Page - ATMEL Corporation AVR32AP Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 181 page
background image
9
32001A–AVR32–06/06
AVR32
I0M - Interrupt level 0 mask
When this bit is set, level 0 interrupts are masked. If I0M and GM are cleared, INT0 interrupts
are enabled. The bit is automatically set when INT3, INT2, INT1 or INT0 processing is initiated.
Software may clear this bit after performing the necessary measures if nested INT0s should be
supported. This bit is cleared at reset.
GM - Global Interrupt Mask
When this bit is set, all interrupts are disabled. This bit overrides I0M, I1M, I2M and I3M. The bit
is automatically set when exception processing is initiated, Debug Mode is entered, or a Java
trap is taken. This bit is automatically cleared when returning from a Java trap. This bit is set
after reset.
R - Java Register Remap
When this bit is set, the addresses of the registers in the register file is dynamically changed.
This allows efficient use of the register file registers as a stack. For more details, see the Java
Technical Reference Manual. The R bit is cleared at reset. Undefined behaviour may result if
this bit is modified by the user.
T - Scratch bit
Not used by any instruction, but can be manipulated by application software as a scratchpad bit.
This bit is cleared after reset.
L - Lock flag
Used by the conditional store instruction. Used to support atomical memory access. Automati-
cally cleared by rete. This bit is cleared after reset.
Q - Saturation flag
The saturation flag indicates that a saturating arithmetic operation overflowed. The flag is sticky
and once set it has to be manually cleared by a csrf instruction after the desired action has been
taken. See the Instruction set description for details.
V - Overflow flag
The overflow flag indicates that an arithmetic operation overflowed. See the Instruction set
description for details.
N - Negative flag
The negative flag is modified by arithmetical and logical operations. See the Instruction set
description for details.
Z - Zero flag
The zero flag indicates a zero result after an arithmetic or logic operation. See the Instruction set
description for details.
C - Carry flag
The carry flag indicates a carry after an arithmetic or logic operation. See the Instruction set
description for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com