Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR32AP Datasheet(PDF) 96 Page - ATMEL Corporation

Part # AVR32AP
Description  32-bit AVR Microcontroller
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AVR32AP Datasheet(HTML) 96 Page - ATMEL Corporation

Back Button AVR32AP Datasheet HTML 92Page - ATMEL Corporation AVR32AP Datasheet HTML 93Page - ATMEL Corporation AVR32AP Datasheet HTML 94Page - ATMEL Corporation AVR32AP Datasheet HTML 95Page - ATMEL Corporation AVR32AP Datasheet HTML 96Page - ATMEL Corporation AVR32AP Datasheet HTML 97Page - ATMEL Corporation AVR32AP Datasheet HTML 98Page - ATMEL Corporation AVR32AP Datasheet HTML 99Page - ATMEL Corporation AVR32AP Datasheet HTML 100Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 181 page
background image
96
32001A–AVR32–06/06
AVR32
9.2.4.10
Abort command
Some software errors could cause the CPU to get stuck in a state which does not allow Debug
Mode to be entered through the mechanisms described above. An example is if a privileged
mode writes SR:DM to one, without clearing the bit.
To prevent the debugger from hanging indefinitely, the debugger can write the DC:ABORT bit to
one after some timeout period, and force the CPU to enter Debug Mode. The abort command
behaves identical to a debug request, except that the DM bit and any pending exception will be
ignored, regardless of exception priority. The RAR_DBG and RSR_DBG will reflect the last non-
executed instruction, which can aid in locating the error.
If Debug Mode is entered due to an abort command, DS:DBA will be set, as for debug requests.
9.2.5
Exceptions and Debug Mode
Debug Mode has priority over any execution mode, so that breakpoints can be set in exception
and interrupt routines. However, if a breakpoint is set on an instruction which triggers a critical
exception, the breakpoint is flushed. Critical exceptions are exception which are asynchronous
to the CPU (interrupts), exceptions which invalidate the currently fetched instruction (e.g.
instruction address exceptions), and exceptions which indicate that the system has become
unstable and should abort the program flow (e.g. bus error). The complete list of exceptions with
higher priority than Debug Mode are listed in the exception chapter in the AVR32 Architecture
Manual.
If a PC breakpoint, a breakpoint instruction, or a trapped 0x0000 opcode is flushed by an excep-
tion, Debug Mode will not be entered. If another type of breakpoint has triggered, Debug Mode
will be entered on the first instruction in the exception handler.
In the rare cases where the first instruction in a critical exception also triggers a critical exception
(e.g. if EVBA is set incorrectly, triggering an infinite loop of instruction address exceptions), the
debugger must write the DC:ABORT bit to one to halt the CPU and enter Debug Mode to identify
the error.
9.2.6
Instruction replacement
A convenient way of implementing an unlimited number of instruction breakpoints is letting the
debugger replace an instruction by a breakpoint instruction. This mechanism is only available in
OCD Mode on devices implemented with writeable program memory or writeable instruction
cache. If this instruction executes, Debug Mode will be entered, and the debugger identifies the
breakpointed location. When returning, the breakpoint instruction must be replaced by the origi-
nal instruction. The debugger will write the Instruction Replace (IRP) bit in DC and the
appropriate instruction in the Debug Instruction Register and its corresponding PC value in the
Debug Program Counter (DPC). When retd is executed, PC and SR are restored, but one more
instruction is fetched from the OCD system before returning to fetching from program memory.
Note that instruction replacement operates on word boundaries. The debugger must store the
whole word containing the replaced opcode before inserting the breakpoint instruction. Also note
that DPC should always be written when performing an instruction replacement to ensure the
correct instruction is executed.
The debugger will then perform the following sequence when exiting OCD Mode. Note that
RAR_DBG is accessed through executing CPU instructions through the Debug Instruction regis-
ter (DINST). The same sequence can be used both for compact and extended instructions,
regardless if the extended instruction is unaligned (in which case only the upper halfword of the
instruction is replaced).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com