Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD4903 Datasheet(PDF) 63 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 63 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 59Page - OSRAM GmbH TMD4903 Datasheet HTML 60Page - OSRAM GmbH TMD4903 Datasheet HTML 61Page - OSRAM GmbH TMD4903 Datasheet HTML 62Page - OSRAM GmbH TMD4903 Datasheet HTML 63Page - OSRAM GmbH TMD4903 Datasheet HTML 64Page - OSRAM GmbH TMD4903 Datasheet HTML 65Page - OSRAM GmbH TMD4903 Datasheet HTML 66Page - OSRAM GmbH TMD4903 Datasheet HTML 67Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 86 page
background image
Page 62
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Application Information
Control Registers
The remote control engine has 19 fields that govern pattern
timing and flow, output selection, and report status. All
pertinent fields are listed in the figure below.
Figure 73:
Remote Control Registers and Fields
Pertinent Control Registers: Resources associated with Remote Control.
Register / Bit
Address
Description
ENABLE<PON>
0x80<0>
Power On
ENABLE<IBEN>
0x80<7>
IRBeam Enable
CFG0 <RAM_BANK>
0x8D<0>
RAM Bank Select
PGCFG1 <PGLDRIVE>
0x8F<4:0>
LED Drive Strength
STATUS <IINT>
0x93<3>
IRBeam Interrupt (mirrors ISTATUS<IINT>)
ICONFIG <IIEN>
0xA0<5>
IRBeam Interrupt Enable
ICONFIG2 <IINVERT>
0xA1<5>
IRBeam Polarity Inversion
ICONFIG2 <IOUTPUT>
0xA1<4:3>
Output Select
ICONFIG2 <IRCDCMODE>
0xA1<2>
DC Carrier Select
ICONFIG2 <IDUTY>
0xA1<1:0>
Duty Cycle Select
ISNL <ISNL>
0xA2<7:0>
Number of Repeated Sub-pattern Loops
ISOFF <ISOFF>
0xA3<7:0>
Pause between Sub-pattern Bursts
IPNL <IPNL>
0xA4<7:0>
Number of Complete Pattern Loops
IPOFF <IPOFF>
0xA5<7:0>
Pause between Pattern Bursts
IBT <IBT>
0xA6<5:0>
Carrier Selection Time
ISTATUS <IINT>
0xA8<1>
IRBeam Interrupt
ISTATUS <IBUSY>
0xA8<0>
IRBeam Busy
ISTART <ISTARTREMCON>
0xA9<1>
Remote Control Start Pattern Burst
INTCLEAR <INTCLEAR_IINT>
0xDE<3>
IRBeam Interrupt Clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com