Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD4903 Datasheet(PDF) 45 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 45 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 41Page - OSRAM GmbH TMD4903 Datasheet HTML 42Page - OSRAM GmbH TMD4903 Datasheet HTML 43Page - OSRAM GmbH TMD4903 Datasheet HTML 44Page - OSRAM GmbH TMD4903 Datasheet HTML 45Page - OSRAM GmbH TMD4903 Datasheet HTML 46Page - OSRAM GmbH TMD4903 Datasheet HTML 47Page - OSRAM GmbH TMD4903 Datasheet HTML 48Page - OSRAM GmbH TMD4903 Datasheet HTML 49Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Page 44
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
Configuration Register Three (CFG3 0xAB)
Figure 54:
Configuration Register Three
76
5
4
3
2
1
0
Reserved
LTF_USEPROX
Reserved
SAI
Reserved
Field
Bits
Description
Reserved
7
Reserved.
LTF_USEPROX
6
Use Proximity Photodiodes for ALS Measurement. Connects the IR-sensitive
proximity photodiodes to the ALS engine in order to collect ALS data in the IR
band. The data registers contain the following channel data depending on the
LTF_USEPROX setting.
16-bit Output Registers
LTF_USEPROX
High
Low
0
1
0x95
0x94
Clear
North
0x97
0x96
Red
South
0x99
0x98
Green
West
0x9B
0x9A
Blue
East
Reserved
5
Reserved.
SAI
4
Sleep After Interrupt. Powers down the device at the end of a proximity/ALS
cycle if an interrupt has been generated. Note that SAI does not modify any
register bits directly, it rather uses the interrupt signal to turn off the oscillator. The
only way to "wake up" the device from SAI-sleep is by clearing the SAI_ACTIVE
flag.
PON
SAI
INT (Low Active)
Oscillator
0Off
10
On
11
1
On
1
1
0
Off (sleep after interrupt)
Reserved
3:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com