Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD4903 Datasheet(PDF) 53 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 53 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 49Page - OSRAM GmbH TMD4903 Datasheet HTML 50Page - OSRAM GmbH TMD4903 Datasheet HTML 51Page - OSRAM GmbH TMD4903 Datasheet HTML 52Page - OSRAM GmbH TMD4903 Datasheet HTML 53Page - OSRAM GmbH TMD4903 Datasheet HTML 54Page - OSRAM GmbH TMD4903 Datasheet HTML 55Page - OSRAM GmbH TMD4903 Datasheet HTML 56Page - OSRAM GmbH TMD4903 Datasheet HTML 57Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
Page 52
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
Calibration Configuration Register One
(CALIBCFG1 0xD9)
Figure 64:
Calibration Configuration Register One
7
6
5
4
3
210
PXDCAVG_
AUTO_
GTHR
PROX_
AUTO_OFFSET_
ADJUST
Reserved
PXDCAVG_
AUTO_
BASELINE
PXDCAVG_BASELINE_WINDOW
Field
Bits
Description
PXDCAVG_AUTO_GTHR
7
Proximity Automatic Thresholds. When asserted, GTHR_IN
and GTHR_OUT are automatically written with a multiple of
the PBSLN every time PBSLN changes. The multiplication
factor is set in AUTO_GTHR_IN_MULT. PBSLN can only change
if PXDCAVG_AUTO_BASELINE is asserted and PBSLN_MEAS is
less than PBSLN.
PROX_AUTO_OFFSET_ADJUST
6
Proximity Auto Offset Adjust. If set, then during
proximity/gesture mode, whenever an ADC measurement is
zero, the appropriate offset register will be decreased. Will set
the OFFSET_ADJUSTED flag if it happens.
Reserved
5:4
Reserved.
PXDCAVG_AUTO_BASELINE
3
Proximity Automatic Baseline. When asserted,
PBSLN_MEAS is written to PBSLN whenever PBSLN_MEAS is
less than PBSLN. When this happens, the BASELINE_
ADJUSTED flag is raised. The default value is 1.
PXDCAVG_BASELINE_WINDOW
2:0
Prox Baseline Averaging Window. Sets the number of
proximity samples averaged to calculate PBSLN_MEAS, which
is updated at the end of each window. The default value is 16
samples.
VALUE
SAMPLES
0Skip
12
24
…
nIterations = 2
PXDCAVG_BASELINE_WINDOW
664
7128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com