Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD4903 Datasheet(PDF) 25 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 21Page - OSRAM GmbH TMD4903 Datasheet HTML 22Page - OSRAM GmbH TMD4903 Datasheet HTML 23Page - OSRAM GmbH TMD4903 Datasheet HTML 24Page - OSRAM GmbH TMD4903 Datasheet HTML 25Page - OSRAM GmbH TMD4903 Datasheet HTML 26Page - OSRAM GmbH TMD4903 Datasheet HTML 27Page - OSRAM GmbH TMD4903 Datasheet HTML 28Page - OSRAM GmbH TMD4903 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 86 page
background image
Page 24
Datasheet, Public
Document Feedback
[v2-00] 2022-Nov-03
TMD4903 − Register Description
ALS Integration Time Register (ATIME 0x81)
Figure 27:
ALS Integration Time Register
76
5
4
3
2
10
ATIME
Field
Bits
Description
ATIME
7:0
ALS Integration Time. Sets the internal integration time of ALS/Color analog to digital
converters in increments of 2.78ms. The power on reset value is 0xFF. The ADC
maximum count (or saturation) value depends on the integration time. It is the lesser
of either:
65535 (16-bit saturation) or
The result of equation: CountMAX = 1024 X CYCLES
VALUE
INTEGRATION TIME
MAX COUNTS
0xFF
2.78ms
1024
0xF6
27.8ms
10240
0xDC
100ms
36864
…
2.78ms X (256 - ATIME)
…
0xC0
178ms
65535
0x00
711ms
65535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com