Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMD4903 Datasheet(PDF) 8 Page - OSRAM GmbH

Part # TMD4903
Description  Color and Proximity Sensor Module with mobeam™ Barcode Emulation and IR Remote Control
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMD4903 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button TMD4903 Datasheet HTML 4Page - OSRAM GmbH TMD4903 Datasheet HTML 5Page - OSRAM GmbH TMD4903 Datasheet HTML 6Page - OSRAM GmbH TMD4903 Datasheet HTML 7Page - OSRAM GmbH TMD4903 Datasheet HTML 8Page - OSRAM GmbH TMD4903 Datasheet HTML 9Page - OSRAM GmbH TMD4903 Datasheet HTML 10Page - OSRAM GmbH TMD4903 Datasheet HTML 11Page - OSRAM GmbH TMD4903 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
Datasheet, Public
Page 7
[v2-00] 2022-Nov-03
Document Feedback
TMD4903 − Electrical Characteristics
Figure 8:
ALS/Color Operating Characteristics, VDD = 1.8 V,TA = 25ºC, AGAIN = 16x, ATIME = 0xF6 (unless
otherwise noted)
Note(s):
1. Integration time is configured from 1 step (0xFF) to 256 steps (0x00) for a typical range of 2.78ms to 711.11ms. An ATIME setting of
0xFF results in a full-scale count value of 1024. Each additional integration step adds 1024 counts to full scale. To enable 16-bit ADC
range, 64 or more integration steps (177.8ms or more) are required (ATIME <= 0xC0).
2. The typical 3-sigma distribution is between 0 and 1 count for an AGAIN setting of 16x.
3. Lux accuracy is function of red, green, blue and clear channels, and not 100% production tested.
4. ADC noise is calculated as the standard deviation of 1000 data samples.
Parameter
Conditions
Min
Typ
Max
Units
Integration time
step size(1), (2)
2.68
2.78
2.90
ms
Dark ADC count value (2)
Ee = 0 μW/ cm
2
AGAIN: 64x
ATIME: 100ms (0xDC)
01
3
counts
Gain scaling, relative to
16x gain setting
AGAIN: 1/4x
0.0135
0.0175
x
AGAIN: 1x
0.058
0.067
AGAIN: 4x
0.237
0.263
AGAIN: 64x
3.75
4.37
Clear channel irradiance
responsivity
White LED, 2700K
8.94
10.28
11.62
counts/
(μW/ cm2)
Lux accuracy (3)
White LED, 2700K
90
100
110
%
ADC Noise (4)
AGAIN: 16x
0.005
% Full
Scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com