Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  DSP56362 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 152 page
background image
Overview
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
1-3
1.1
Features
•
Multimode, multichannel decoder software functionality
— Dolby Digital and Pro Logic
— MPEG2 5.1
—DTS
— Bass management
•
Digital audio post-processing capabilities
— 3D Virtual surround sound
— Lucasfilm THX5.1
— Soundfield processing
— Equalization
•
Digital Signal Processing Core
— 100 MIPS with a 100 MHz clock at 3.3 V +/- 5%
— Object code compatible with the DSP56000 core
— Highly parallel instruction set
— Data arithmetic logic unit (ALU)
– Fully pipelined 24 x 24-bit parallel multiplier-accumulator (MAC)
– 56-bit parallel barrel shifter (fast shift and normalization; bit stream generation and parsing)
– Conditional ALU instructions
– 24-bit or 16-bit arithmetic support under software control
— Program control unit (PCU)
– Position independent code (PIC) support
– Addressing modes optimized for DSP applications (including immediate offsets)
– On-chip instruction cache controller
– On-chip memory-expandable hardware stack
– Nested hardware DO loops
– Fast auto-return interrupts
— Direct memory access (DMA)
– Six DMA channels supporting internal and external accesses
– One-, two-, and three- dimensional transfers (including circular buffering)
– End-of-block-transfer interrupts
– Triggering from interrupt lines and all peripherals
— Phase-locked loop (PLL)
– Software programmable PLL-based frequency synthesizer for the core clock
– Allows change of low-power divide factor (DF) without loss of lock
– Output clock with skew elimination
— Hardware debugging support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com