Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 64Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 65Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 66Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
3-42
Freescale Semiconductor
Figure 3-22 Bus Acquisition Timings
218
CLKOUT high to BB deassertion (output)
1.0
4.0
ns
219
BB high to BB high impedance (output)
—
4.5
ns
220
CLKOUT high to address and controls active
0.25
× T
C
2.5
—
ns
221
CLKOUT high to address and controls high impedance
0.25
× T
C
—2.5
ns
222
CLKOUT high to AA active
0.25
× T
C
2.5
—
ns
223
CLKOUT high to AA deassertion
0.25
× T
C + 4.0
3.2
6.5
ns
224
CLKOUT high to AA high impedance
0.75
× T
C
—7.5
ns
1 The asynchronous delays specified in the expressions are valid for DSP56362.
2 T212 is valid for Address Trace mode when the ATE bit in the OMR is set. BR is deasserted for internal accesses and
asserted for external accesses.
Table 3-18 Arbitration Bus Timings1 (continued)
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
A0–A17
BB
AA0–AA3
CLKOUT
BR
BG
RD, WR
212
214
216
215
220
217
213
222
AA0481



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com