Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 95Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 96Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 97Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 98Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 99Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 100Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 101Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 102Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 152 page
background image
OnCE Module TimIng
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-73
Figure 3-52 TRST Timing Diagram
3.19
OnCE Module TimIng
Figure 3-53 OnCE—Debug Request
Table 3-29 OnCE Module Timing1
1 V
CC = 3.3 V ± 0.16 V; TJ = 0°C to +100°C, CL = 50 pF
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
500
TCK frequency of operation
1/(TC × 3),
max 22.0 MHz
0.0
22.0
MHz
514
DE assertion time in order to enter Debug mode
1.5
× T
C + 10.0
25.0
—
ns
515
Response time when DSP56362 is executing NOP
instructions from internal memory
5.5
× T
C + 30.0
—
85.0
ns
516
Debug acknowledge assertion time
3
× T
C + 10.0
40.0
—
ns
TCK
(Input)
TRST
(Input)
513
512
AA0499
DE
516
515
514
AA0500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com