Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 67Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 68Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 69Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 70Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 71Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 72Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 152 page
background image
External Memory Expansion Port (Port A)
DSP56362 Technical Data, Rev. 4
Freescale Semiconductor
3-45
Figure 3-25 Asynchronous Bus Arbitration Timing
Figure 3-26 Asynchronous Bus Arbitration Timing
Background explanation for Asynchronous Bus Arbitration:
The asynchronous bus arbitration is enabled by internal synchronization circuits on BG, and BB inputs.
These synchronization circuits add delay from the external signal until it is exposed to internal logic. As a
result of this delay, a 56300 part may assume mastership and assert BB, for some time after BG is negated.
This is the reason for timing 250.
Once BB is asserted, there is a synchronization delay from BB assertion to the time this assertion is
exposed to other 56300 components which are potential masters on the same bus. If BG input is asserted
before that time, a situation of BG asserted, and BB negated, may cause another 56300 component to
assume mastership at the same time. Therefore some non-overlap period between one BG input active to
another BG input active, is required. Timing 251 ensures that such a situation is avoided.
BG1
BB
250
251
BG2
BG1
BG2
250+251



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com