Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 28Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 29Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 30Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 152 page
background image
Phase Lock Loop (PLL) Characteristics
DSP56362 Technical Data, Rev. 4
3-6
Freescale Semiconductor
3.8
Phase Lock Loop (PLL) Characteristics
6
CLKOUT rising edge from EXTAL rising edge with PLL
enabled (MF = 1, PDF = 1, Ef > 15 MHz)4, 5
CLKOUT falling edge from EXTAL rising edge with PLL
enabled (MF = 2 or 4, PDF = 1, Ef > 15 MHz)4, 5
CLKOUT falling edge from EXTAL falling edge with PLL
enabled (MF
≤ 4, PDF ≠ 1, Ef / PDF > 15 MHz)4, 5
0.0 ns
0.0 ns
0.0 ns
1.8 ns
1.8 ns
1.8 ns
7
Instruction cycle time = ICYC = TC
6
See
Table 3-5 (46.7%–53.3% duty cycle)
• With PLL disabled
• With PLL enabled
ICYC
0.00 ns
0.00 ns
∞
8.53
µs
8.53
µs
1 Measured at 50% of the input transition.
2 The maximum value for PLL enabled is given for minimum V
CO and maximum MF.
3 The indicated duty cycle is for the specified maximum frequency for which a part is rated. The minimum clock high or low
time required for correction operation, however, remains the same at lower operating frequencies; therefore, when a lower
clock frequency is used, the signal symmetry may vary from the specified duty cycle as long as the minimum high time and
low time requirements are met.
4 Periodically sampled and not 100% tested.
5 The skew is not guaranteed for any other MF value.
6 The maximum value for PLL enabled is given for minimum V
CO and maximum DF.
Table 3-6 PLL Characteristics
Characteristics
100 MHz
Unit
Min
Max
VCO frequency when PLL enabled (MF × Ef × 2/PDF)
30
200
MHz
PLL external capacitor (PCAP pin to VCCP) (CPCAP)
1
•@ MF
≤ 4
• @ MF > 4
1 CPCAP is the value of the PLL capacitor (connected between the PCAP pin and VCCP). The recommended value in pF for
CPCAP can be computed from one of the following equations:
(680
× MF) – 120, for MF ≤ 4, or
1100
× MF, for MF > 4
(MF
× 580) − 100
MF
× 830
(MF
× 780) − 140
MF
× 1470
pF
pF
Note:
Table 3-5 Clock Operation (continued) 100 and 120 MHz Values
No.
Characteristics
Symbol
100 MHz
120 MHz
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com