Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  DSP56362 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 152 page
background image
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Freescale Semiconductor
Technical Data
This document contains information on a new product. Specifications and information herein are subject to change without notice.
Document Number: DSP56362
Rev. 4, 08/2006
1
Overview
Freescale Semiconductor, Inc. designed the DSP56362
to support digital audio applications requiring digital
audio compression and decompression, sound field
processing, acoustic equalization, and other digital audio
algorithms. The DSP56362 uses the high performance,
single-clock-per-cycle DSP56300 core family of
programmable CMOS digital signal processors (DSPs)
combined with the audio signal processing capability of
the Freescale Symphony™ DSP family, as shown in
Figure 1-1. This design provides a two-fold performance
increase over Freescale’s popular Symphony family of
DSPs while retaining code compatibility. Significant
architectural enhancements include a barrel shifter,
24-bit addressing, instruction cache, and direct memory
access (DMA). The DSP56362 offers 100 million
instructions per second (MIPS) using an internal 100
MHz clock at 3.3 V.
DSP56362
24-Bit Audio Digital Signal Processor
Contents
1 Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1-1
2 Signal/Connection Descriptions . . . . . . . . . 2-1
3 Specifications . . . . . . . . . . . . . . . . . . . . . . . . 3-1
4 Packaging . . . . . . . . . . . . . . . . . . . . . . . . . . . 4-1
5 Design Considerations . . . . . . . . . . . . . . . . 5-1
6 Ordering Information . . . . . . . . . . . . . . . . . . 6-1
A Power Consumption Benchmark . . . . . . . . A-1
B IBIS Model . . . . . . . . . . . . . . . . . . . . . . . . . . . B-1


Similar Part No. - DSP56362

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56362 NXP-DSP56362 Datasheet
3Mb / 152P
24-Bit Audio Digital Signal Processor
Rev. 4, 08/2006
logo
Motorola, Inc
DSP56362AD MOTOROLA-DSP56362AD Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56362D MOTOROLA-DSP56362D Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56362P MOTOROLA-DSP56362P Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
More results

Similar Description - DSP56362

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56362 MOTOROLA-DSP56362 Datasheet
2Mb / 168P
24-Bit Audio Digital Signal Processor
DSP56364 MOTOROLA-DSP56364 Datasheet
2Mb / 162P
24-Bit Audio Digital Signal Processor
logo
Freescale Semiconductor...
DSP56367 FREESCALE-DSP56367 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
DSP56364 FREESCALE-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
DSP56366 FREESCALE-DSP56366 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56364AF100 FREESCALE-DSPB56364AF100 Datasheet
1Mb / 148P
24-Bit Audio Digital Signal Processor
DSPB56366AG120 FREESCALE-DSPB56366AG120 Datasheet
1Mb / 110P
24-Bit Audio Digital Signal Processor
DSPB56367AG150 FREESCALE-DSPB56367AG150 Datasheet
1Mb / 100P
24-Bit Audio Digital Signal Processor
logo
NXP Semiconductors
DSP56366 NXP-DSP56366 Datasheet
2Mb / 110P
24-Bit Audio Digital Signal Processor
Rev. 3.1, 1/2007
DSP56364 NXP-DSP56364 Datasheet
2Mb / 148P
24-Bit Audio Digital Signal Processor
Rev. 4.1, 10/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com