Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  DSP56362 Datasheet HTML 1Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 2Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 3Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 4Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 5Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 6Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 7Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 8Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 152 page
background image
Overview
DSP56362 Technical Data, Rev. 4
1-4
Freescale Semiconductor
– On-Chip Emulation (OnCE‘) module
– Joint Action Test Group (JTAG) test access port (TAP)
– Address trace mode reflects internal program RAM accesses at the external port
•
On-Chip Memories
— Modified Harvard architecture allows simultaneous access to program and data memories
— 30720 x 24-bit on-chip program ROM1 (disabled in 16-bit compatibility mode)
— 6144 x 24-bit on-chip X-data ROM1
— 6144 x 24-bit on-chip Y-data ROM1
— Program RAM, instruction cache, X data RAM, and Y data RAM sizes are programmable
.
— 192 x 24-bit bootstrap ROM (disabled in sixteen-bit compatibility mode)
•
Off-Chip Memory Expansion
— Data memory expansion to 256K x 24-bit word memory for P, X, and Y memory using SRAM.
— Data memory expansion to 16M x 24-bit word memory for P, X, and Y memory using DRAM.
— External memory expansion port( twenty-four data pins for high speed external memory access
allowing for a large number of external accesses per sample)
— Chip select logic for glueless interface to SRAMs
— On-chip DRAM controller for glueless interface to DRAMs
•
Peripheral and Support Circuits
— Enhanced serial audio interface (ESAI) includes:
– Six serial data lines, 4 selectable as receive or transmit and 2 transmit only.
– Master or slave capability
–I2S, Sony, AC97, and other audio protocol implementations
— Serial host interface (SHI) features:
– SPI protocol with multi-master capability
–I2C protocol with single-master capability
– Ten-word receive FIFO
– Support for 8-, 16-, and 24-bit words.
— Byte-wide parallel host interface (HDI08) with DMA support
— DAX features one serial transmitter capable of supporting S/PDIF, IEC958, IEC1937, CP-340,
and AES/EBU digital audio formats; alternate configuration supports up to two GPIO lines
1. These ROMs may be factory programmed with data or programs provided by the application developer.
Instruction
Cache
Switch
Mode
Program RAM
Size
Instruction
Cache Size
X Data RAM Size Y Data RAM Size
Disabled
Disabled
3072
× 24-bit
0
5632
× 24-bit
5632
× 24-bit
Enabled
Disabled
2048
× 24-bit
1024
× 24-bit
5632
× 24-bit
5632
× 24-bit
Disabled
Enabled
5120
× 24-bit
0
5632
× 24-bit
3584
× 24-bit
Enabled
Enabled
4096
× 24-bit
1024
× 24-bit
5632
× 24-bit
3584
× 24-bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com