Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56362 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # DSP56362
Description  24-Bit Audio Digital Signal Processor
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56362 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button DSP56362 Datasheet HTML 12Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 13Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 14Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 15Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 16Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 17Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 18Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 19Page - Freescale Semiconductor, Inc DSP56362 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 152 page
background image
Host Interface (HDI08)
DSP56362 Technical Data, Rev. 4
2-10
Freescale Semiconductor
Table 2-9 Host Interface
Signal Name
Type
State during Reset
Signal Description
H0–H7
HAD0–HAD7
PB0–PB7
Input/Output
Input/Output
Input, Output, or
Disconnected
GPIO Disconnected Host Data—When the HDI08 is programmed to interface a
nonmultiplexed host bus and the HI function is selected, these
signals are lines 0–7 of the bidirectional, tri-state data bus.
Host Address—When HDI08 is programmed to interface a
multiplexed host bus and the HI function is selected, these
signals are lines 0–7 of the address/data bidirectional,
multiplexed, tri-state bus.
Port B 0–7—When the HDI08 is configured as GPIO, these
signals are individually programmable as input, output, or
internally disconnected.
The default state after reset for these signals is GPIO
disconnected.
This input is 5 V tolerant.
HA0
HAS/HAS
PB8
Input
Input
Input, output, or
disconnected
GPIO Disconnected Host Address Input 0—When the HDI08 is programmed to
interface a nonmultiplexed host bus and the HI function is
selected, this signal is line 0 of the host address input bus.
Host Address Strobe—When HDI08 is programmed to
interface a multiplexed host bus and the HI function is selected,
this signal is the host address strobe (HAS) Schmitt-trigger input.
The polarity of the address strobe is programmable, but is
configured active-low (HAS) following reset.
Port B 8—When the HDI08 is configured as GPIO, this signal is
individually programmed as input, output, or internally
disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.
HA1
HA8
PB9
Input
Input
Input, Output, or
Disconnected
GPIO Disconnected Host Address Input 1—When the HDI08 is programmed to
interface a nonmultiplexed host bus and the HI function is
selected, this signal is line 1 of the host address (HA1) input bus.
Host Address 8—When HDI08 is programmed to interface a
multiplexed host bus and the HI function is selected, this signal
is line 8 of the host address (HA8) input bus.
Port B 9—When the HDI08 is configured as GPIO, this signal is
individually programmed as input, output, or internally
disconnected.
The default state after reset for this signal is GPIO disconnected.
This input is 5 V tolerant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com