Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4659EVPBF Datasheet(PDF) 7 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM4659EVPBF Datasheet HTML 3Page - Analog Devices LTM4659EVPBF Datasheet HTML 4Page - Analog Devices LTM4659EVPBF Datasheet HTML 5Page - Analog Devices LTM4659EVPBF Datasheet HTML 6Page - Analog Devices LTM4659EVPBF Datasheet HTML 7Page - Analog Devices LTM4659EVPBF Datasheet HTML 8Page - Analog Devices LTM4659EVPBF Datasheet HTML 9Page - Analog Devices LTM4659EVPBF Datasheet HTML 10Page - Analog Devices LTM4659EVPBF Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTM4659
7
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
Figure 1. Simplified LTM4659 Block Diagram
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CIN
External Input Capacitor Requirement
(VIN = 2.25V to 5.5V, VOUT = 1.5V)
IOUT = 10A
22
µF
COUT
External Output Capacitor Requirement
(VIN = 2.25V to 5.5V, VOUT = 1.5V)
IOUT = 10A
100
µF
DECOUPLING REQUIREMENTS
0.55V
0.49V
4659 F01
+
–
+
–
SENSE+
SENSE–
+
–
+
–
FAULT
FAULT
10µA
RA
RB
R1
R2
CFF
COUT
VOUT
VIN
CIN
CSS
VOUT
SW
GND
FB
AGND
PGOOD
VIN
+
+
80nH
VIN
ERROR
AMP
0.5V
0.5V
0.55V
0.49V
0.4V
VTEMP
OSCILLATOR
S Q
R
SWITCH LOGIC
AND
ANTI-SHOOT THROUGH
VIN
SLOPE COMP
INTERNAL
REFERENCE
MODE/SYNC
FREQ
RUN
COMP
SSTT
RFREQ
RC
CC
CCOMP
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com