Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4659EVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LTM4659EVPBF Datasheet HTML 15Page - Analog Devices LTM4659EVPBF Datasheet HTML 16Page - Analog Devices LTM4659EVPBF Datasheet HTML 17Page - Analog Devices LTM4659EVPBF Datasheet HTML 18Page - Analog Devices LTM4659EVPBF Datasheet HTML 19Page - Analog Devices LTM4659EVPBF Datasheet HTML 20Page - Analog Devices LTM4659EVPBF Datasheet HTML 21Page - Analog Devices LTM4659EVPBF Datasheet HTML 22Page - Analog Devices LTM4659EVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LTM4659
19
Rev. 0
For more information www.analog.com
Table 8. Output Voltage Response vs Component Matrix (See Typical Application) 0A to 5A Load Step Typical Measured Values
CIN CERAMIC
VENDORS
VALUE
(μF)
PART NUMBER
COUT VENDORS
VALUE
(μF)
PART
NUMBER
Taiyo Yuden
10
EMK212BB7106MG-T
Murata
22
GRM188R60J226MEA0D
Murata
22
GRM188R61A226ME15D
Murata
100
GRM21BR60J107ME15K
VOUT
(V)
CIN
(CERAMIC)
(μF)
CIN
(BULK)
COUT
(CERAMIC)
(μF)
CFF
(pF)
VIN
(V)
DROOP
(mV)
P-P
Deviation
(mV)
RECOVERY
TIME
(µs)
LOAD STEP
(A/µs)
LOAD STEP
SLEW RATE
(A/µs)
FREQ.
(kHz)
0.5
10 ×2
150
100 + 22 ×2
Open
3.3
40
78
5
5
5
1000
0.8
10 ×2
150
100 + 22 ×2
Open
3.3
45
92
10
5
5
2000
0.8
10 ×2
150
100 + 22 ×2
Open
5
45
90
10
5
5
2000
1
10 ×2
150
100 + 22 ×2
Open
3.3
55
109
10
5
5
2000
1
10 ×2
150
100 + 22 ×2
Open
5
55
105
10
5
5
2000
1.5
10 ×2
150
100 + 22 ×2
Open
3.3
80
157
10
5
5
2000
1.5
10 ×2
150
100 + 22 ×2
Open
5
80
156
10
5
5
2000
2.5
10 ×2
150
100 + 22 ×2
Open
3.3
120
239
15
5
5
2000
2.5
10 ×2
150
100 + 22 ×2
Open
5
120
241
15
5
5
2000
3.3
10 ×2
150
100 + 22 ×2
Open
5
120
291
15
5
5
2000
APPLICATIONS INFORMATION
Safety Considerations
The LTM4659 modules do not provide galvanic isolation
from VIN to VOUT. There is no internal fuse. If required,
a slow-blow fuse with a rating twice the maximum input
current must be provided to protect each unit from cata-
strophicfailure.Thedevicedoessupportthermalshutdown
and overcurrent protection.
Layout Checklist/Example
The high integration of LTM4659 makes the PCB board
layoutverysimpleandeasy.However,tooptimizeitselectri-
cal and thermal performance, some layout considerations
are still necessary.
• Use large PCB copper areas for high-current paths,
including VIN, GND and VOUT. It helps to minimize the
PCB conduction loss and thermal stress.
• Place high frequency ceramic input and output capaci-
tors next to the VIN, GND and VOUT pins as close as
possible to minimize high frequency noise.
• Place a dedicated power ground layer underneath
the unit.
• To minimize the via conduction loss and reduce module
thermal stress, use multiple vias for interconnection
between top layer and other power layers.
• Do not put via directly on the pad, unless they are
capped or plated over.
• Use a separated GND ground copper area for compo-
nents connected to signal pins. Connect the AGND to
GND underneath the unit.
• For parallel modules, tie the VOUT, RUN, and COMP
pins together. Use an internal layer to closely connect
these pins together.
• Bring out test points on the signal pins for monitoring.
Figure 15 shows a good example of the recommended
layout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com