Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4659EVPBF Datasheet(PDF) 11 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 11 Page - Analog Devices

Back Button LTM4659EVPBF Datasheet HTML 7Page - Analog Devices LTM4659EVPBF Datasheet HTML 8Page - Analog Devices LTM4659EVPBF Datasheet HTML 9Page - Analog Devices LTM4659EVPBF Datasheet HTML 10Page - Analog Devices LTM4659EVPBF Datasheet HTML 11Page - Analog Devices LTM4659EVPBF Datasheet HTML 12Page - Analog Devices LTM4659EVPBF Datasheet HTML 13Page - Analog Devices LTM4659EVPBF Datasheet HTML 14Page - Analog Devices LTM4659EVPBF Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LTM4659
11
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Multiphase Operation
For output loads that demand more than 10A of current,
multiple LTM4659s can be paralleled to run out of phase
to provide more output current without increasing input
and output voltage ripples. See Table 3.
ToparallelmultipleLTM4659modulestoachievethesame
switching frequency, a perfect interleaved phase shift and
an accurate current sharing between different modules,
one of the LTM4659 will become the main module, and
the rest of the LTM4659s need to be programmed to be
subordinate modules. See Multiphase Operation in the
Applications Information section.
1. Connect a resistor from the FREQ pin to the AGND of
the main phase will program the frequency and con-
figures the MODE/SYNC pin to become a clock output
used to drive the MODE/SYNC pins of the subordinate
phase(s).
Connecting the FREQ pin of the main phase to VIN
configures the MODE/SYNC pin to become an input
capable of accepting an external clock. The switching
frequency defaults to the nominal 2MHz internal fre-
quency when the external clock is unavailable, such as
during start-up.
Connecting the FB pin to VIN configures a phase as
a subordinate. The MODE/SYNC becomes an input,
and the voltage control loop is disabled. The subordi-
nate phase current control loop is still active, and the
peak current is controlled via the shared COMP node.
Careful consideration should be taken when routing the
COMP node between phases. Routing the COMP and
AGND nodes together is recommended to create a low
inductance path.
Connecting the PGOOD pins together and adding an
external pull-up resistor allows the main phase to com-
municate with the subordinate phases on when start-
up has been completed.
The pull-up voltage should be greater than 0.49V for
subordinate channels on multiphase operations.
2. The phasing of a subordinate phase relative to the main
phase is programmed with a resistor divider on the
FREQ pin (see Figure 2). Use of 1% resistors is recom-
mended. See Table 4 for more information.
When configured for main/subordinate operation, the
subordinate phases operate in FCM.
Table 3. Multiphase Configuration
MAIN/SUBORDINATE
FREQ PIN
FB PIN
MODE/SYNC PIN
SWITCHING FREQUENCY (fSW)
Main
VIN
VOUT Divider
Clock Input
External Clock/2MHz Default
Main
Resistor to AGND
VOUT Divider
Clock Output
FREQ Programmed
Subordinate
VIN Divider
VIN
Clock Input
External Clock
Table 4. Programming Subordinate Phase Angle
SYNC PHASE ANGLE
R3
RATIO
R4
RATIO
R3
EXAMPLE
R4
EXAMPLE
0°
0Ω
NA
0Ω
NA
90°
3 • R
R
301k
100k
120°
7 • R
5 • R
243k
174k
180°
NA
0Ω
NA
0Ω
240°
5 • R
7 • R
174k
243k
270°
R
3 • R
100k
301k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com