Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4659EVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM4659EVPBF Datasheet HTML 12Page - Analog Devices LTM4659EVPBF Datasheet HTML 13Page - Analog Devices LTM4659EVPBF Datasheet HTML 14Page - Analog Devices LTM4659EVPBF Datasheet HTML 15Page - Analog Devices LTM4659EVPBF Datasheet HTML 16Page - Analog Devices LTM4659EVPBF Datasheet HTML 17Page - Analog Devices LTM4659EVPBF Datasheet HTML 18Page - Analog Devices LTM4659EVPBF Datasheet HTML 19Page - Analog Devices LTM4659EVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LTM4659
16
Rev. 0
For more information www.analog.com
As a practical matter, it should be clear to the reader that
no individual or sub-group of the four thermal resistance
parameters defined by JESD51-12 or provided in the Pin
Configuration section replicates or conveys normal op-
erating conditions of a μModule. For example, in normal
board-mounted applications, never does 100% of the
device’s total power loss (heat) thermally conduct exclu-
sively through the top or exclusively through bottom of the
µModule—as the standard defines for θJCtop and θJCbot,
respectively.Inpractice,powerlossisthermallydissipated
in both directions away from the package—granted, in the
absence of a heat sink and airflow, a majority of the heat
flow is into the board.
Within a SIP (system-in-package) module, be aware that
there are multiple power devices and components dis-
sipating power, with the consequence that the thermal
resistances relative to different junctions of components
or die are not exactly linear with respect to total pack-
age power loss. To reconcile this complication without
sacrificing modeling simplicity—but also, not ignoring
practical realities—an approach has been taken using
FEA software modeling along with laboratory testing in
a controlled-environment chamber to reasonably define
andcorrelatethethermalresistancevaluessuppliedinthis
data sheet: (1) Initially, FEA software is used to accurately
build the mechanical geometry of the µModule and the
specified PCB with all of the correct material coefficients
along with accurate power loss source definitions; (2)
this model simulates a software-defined JEDEC environ-
ment consistent with JESD51-9 to predict power loss
heat flow and temperature readings at different interfaces
that enable the calculation of the JEDEC-defined thermal
resistance values; (3) the model and FEA software is used
to evaluate the µModule with heat sink and airflow; (4)
having solved for and analyzed these thermal resistance
values and simulated various operating conditions in
the software model, a thorough laboratory evaluation
replicates the simulated conditions with thermocouples
within a controlled-environment chamber while operat-
ing the device at the same power loss as that which was
simulated. An outcome of this process and due-diligence
yields a set of derating curves provided in other sections
of this data sheet.
APPLICATIONS INFORMATION
The 2.5VIN, 3.3VIN and 5VIN power loss curves in Figure 6,
Figure 7, and Figure 8 can be used in coordination with the
load current derating curves in Figure 9 to Figure 14 for
calculating an approximate θJA thermal resistance for the
LTM4659withvariousheatsinkingandairflowconditions.
The power loss curves are taken at room temperature,
and are increased with multiplicative factors according to
the junction temperature. This approximate factor is ~1.2
assuming the junction temperature is reaching 120°C.
The maximum load current is achievable while increasing
ambient temperature as long as the junction temperature
is less than 120°C, which is a 5°C guardband from the
maximum junction temperature of 125°C. When the
ambient temperature reaches a point where the junction
temperature is 120°C, then the load current is lowered to
maintainthejunctionat120°Cwhileincreasingtheambient
temperature up to 120°C. The derating curves are plotted
with the output current starting at 10A and the ambient
temperature at 30°C. The output voltages are 1.0V, 1.5V
and2.5V.Thesearechosentoincludethelowerandhigher
output voltage ranges to correlate the thermal resistance.
Thermal models are derived from several temperature
measurementsinacontrolledtemperaturechamber,along
withthermalmodelinganalysis.Thejunctiontemperatures
are monitored while ambient temperature is increased
with and without airflow. The power loss increase with
ambient temperature change is factored into the derating
curves. The junctions are maintained at 120°C maximum
while lowering output current or power with increasing
ambient temperature. The decreased output current will
decrease the internal module loss as ambient tempera-
ture is increased. The monitored junction temperature of
120°C minus the ambient operating temperature specifies
how much module temperature rise can be allowed. For
example,todeterminethemaximumambienttemperature
allowable when VIN=3.3V,VOUT=1Vand10Aloadcurrent
withoutaheatsinkandairflow,findoutthepowerlossfrom
Figure 7, which equals to 2.24W in this case, then multiply
by the 1.2 coefficient for 120°C junction temperature, If
the 65.4°C ambient temperature is subtracted from the
120°C junction temperature, then the difference of 54.6°C
divided by 2.7W equals a 20.2°C/W for θJA the system
equivalent thermal resistance. Table 5 specifies a 21°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com