Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4659EVPBF Datasheet(PDF) 24 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 24 Page - Analog Devices

Back Button LTM4659EVPBF Datasheet HTML 18Page - Analog Devices LTM4659EVPBF Datasheet HTML 19Page - Analog Devices LTM4659EVPBF Datasheet HTML 20Page - Analog Devices LTM4659EVPBF Datasheet HTML 21Page - Analog Devices LTM4659EVPBF Datasheet HTML 22Page - Analog Devices LTM4659EVPBF Datasheet HTML 23Page - Analog Devices LTM4659EVPBF Datasheet HTML 24Page - Analog Devices LTM4659EVPBF Datasheet HTML 25Page - Analog Devices LTM4659EVPBF Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LTM4659
24
Rev. 0
For more information www.analog.com
PACKAGE DESCRIPTION
25-Terminal Land Grid Array with Embedded Die [LGA_EM]
(CL-25-3)
Dimensions shown in millimeters
4.10
4.00 SQ
3.90
SEATING
PLANE
1.480
1.430
1.380
PIN 1
INDICATOR
AREA
PIN 1
INDICATOR
AREA
COPLANARITY
0.08
1.040
REF
0.39
REF
0.65
BSC
2.60 REF
SQ
Ø
0.35 REF
A
B
C
D
E
1
2
3
4
5
BOTTOM VIEW
TOP VIEW
SIDE VIEW
RECOMMENDED PCB LAYOUT
APPLY SOLDER MASK TO AREAS THAT ARE NOT SOLDERED
0.35 ± 0.025
0.00
0.65
0.65
1.30
1.30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com