Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4659EVPBF Datasheet(PDF) 18 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 18 Page - Analog Devices

Back Button LTM4659EVPBF Datasheet HTML 14Page - Analog Devices LTM4659EVPBF Datasheet HTML 15Page - Analog Devices LTM4659EVPBF Datasheet HTML 16Page - Analog Devices LTM4659EVPBF Datasheet HTML 17Page - Analog Devices LTM4659EVPBF Datasheet HTML 18Page - Analog Devices LTM4659EVPBF Datasheet HTML 19Page - Analog Devices LTM4659EVPBF Datasheet HTML 20Page - Analog Devices LTM4659EVPBF Datasheet HTML 21Page - Analog Devices LTM4659EVPBF Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTM4659
18
Rev. 0
For more information www.analog.com
value, which is very close. Table 6 and Table 7 provide
equivalent thermal resistances for 1.5V and 2.5V outputs
with and without airflow. The Pin Configuration section
shows the simulation data for the worst-case scenario.
Table 5 to Table 7 provide equivalent thermal resistances
for 1.0V, 1.5V and 2.5V outputs with and without airflow.
The derived thermal resistances in Table 5 to Table 7 for
the various conditions can be multiplied by the calculated
power loss as a function of ambient temperature to derive
APPLICATIONS INFORMATION
Table 5. 1.0V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 9, Figure 12
3.3, 5
Figure 7, Figure 8
0
None
21
Figure 9, Figure 12
3.3, 5
Figure 7, Figure 8
200
None
18
Figure 9, Figure 12
3.3, 5
Figure 7, Figure 8
400
None
17
Table 6. 1.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 10, Figure 13
3.3, 5
Figure 7, Figure 8
0
None
22
Figure 10, Figure 13
3.3, 5
Figure 7, Figure 8
200
None
19
Figure 10, Figure 13
3.3, 5
Figure 7, Figure 8
400
None
18
Table 7. 2.5V Output
DERATING CURVE
VIN (V)
POWER LOSS CURVE
AIRFLOW (LFM)
HEAT SINK
θJA (°C/W)
Figure 11, Figure 14
3.3, 5
Figure 7, Figure 8
0
None
23
Figure 11, Figure 14
3.3, 5
Figure 7, Figure 8
200
None
18
Figure 11, Figure 14
3.3, 5
Figure 7, Figure 8
400
None
17
temperature rise above ambient, thus maximum junction
temperature.Roomtemperaturepowerlosscanbederived
from the efficiency curves in the Typical Performance
Characteristics section and adjusted with the above
ambient temperature multiplicative factors. The printed
circuit board is a 1.6mm thick four-layer board with two
ounces of copper for the two outer layers and one ounce
copper for the two inner layers. The PCB dimensions are
76mm × 76mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com