Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4659EVPBF Datasheet(PDF) 2 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 2 Page - Analog Devices

  LTM4659EVPBF Datasheet HTML 1Page - Analog Devices LTM4659EVPBF Datasheet HTML 2Page - Analog Devices LTM4659EVPBF Datasheet HTML 3Page - Analog Devices LTM4659EVPBF Datasheet HTML 4Page - Analog Devices LTM4659EVPBF Datasheet HTML 5Page - Analog Devices LTM4659EVPBF Datasheet HTML 6Page - Analog Devices LTM4659EVPBF Datasheet HTML 7Page - Analog Devices LTM4659EVPBF Datasheet HTML 8Page - Analog Devices LTM4659EVPBF Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTM4659
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN ............................................................... –0.3V to 6V
VOUT............................................................ –0.3V to VIN
PGOOD......................................................... –0.3V to 6V
RUN, SSTT, MODE/SYNC,
FB, COMP, FREQ ......................................... –0.3V to VIN
Operating Junction Temperature
(Note 2).................................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature .................260°C
Note that the peak reflow temperature must not exceed
260°C, including the reworking process.
(Note 1)
LGA PACKAGE
25-PIN (4mm × 4mm × 1.43mm)
TJMAX = 125°C, θJA = 23°C/W,
θJCtop = 27.8°C/W, θJCbot = 5.7°C/W
WEIGHT = 86mg
TOP VIEW
RUN
AGND
FREQ
SSTT
PGOOD
A
5
1
2
3
4
FB
COMP
B
C
D
E
VOUT
GND
MODE/SYNC
VIN
SW
ORDER INFORMATION
PART NUMBER
PAD OR BALL
FINISH*
PART MARKING
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE Note 2)
DEVICE
FINISH CODE
LTM4659EV#PBF
Au (RoHS)
4659
4
LGA
4
–40°C to 125°C
LTM4659IV#PBF
Au (RoHS)
4659
4
LGA
4
–40°C to 125°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures
• LGA and BGA Package and Tray Drawings
(See Pin Functions and Table 9)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Input DC Voltage
l
2.25
5.5
V
VOUT(RANGE)
Output Voltage Range
MODE/SYNC = 1MHz, FREQ = VIN
l
0.5
VIN
V
VOUT(DC)
Output Voltage
MODE/SYNC = 1MHz, FREQ = VIN, VOUT = 0.5V l 0.4925
0.5
0.5075
V
VIN_UVLO
VIN Undervoltage Lockout
VIN Rising
2.0
2.1
2.2
V
VIN_UVLO_HYS
VIN Undervoltage Lockout Hysteresis
150
mV
VRUN
RUN Pin on Threshold
VRUN Rising
0.375
0.4
0.425
V
VRUN_HYS
RUN Pin Hysteresis
60
mV
IRUN
RUN Pin Leakage Current
RUN = 0.4V
±200
nA
IQ(VIN)
Input Supply Bias Current
Pulse-Skipping Mode
Forced Continuous Mode
Shutdown
MODE/SYNC = FREQ = VIN, VOUT = 1.5V
MODE/SYNC = 0V, FREQ = VIN, VOUT = 1.5V
RUN = 0V (Note 4)
1.6
70
1
mA
mA
μA
IS(VIN)
Input Supply Current
VOUT = 0.5V, IOUT = 10A
2.3
A
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 3.3V per the typical application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com