Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4659EVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LTM4659EVPBF
Description  Ultrathin, Low VIN 10A Step-Down DC/DC μModule Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4659EVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LTM4659EVPBF Datasheet HTML 6Page - Analog Devices LTM4659EVPBF Datasheet HTML 7Page - Analog Devices LTM4659EVPBF Datasheet HTML 8Page - Analog Devices LTM4659EVPBF Datasheet HTML 9Page - Analog Devices LTM4659EVPBF Datasheet HTML 10Page - Analog Devices LTM4659EVPBF Datasheet HTML 11Page - Analog Devices LTM4659EVPBF Datasheet HTML 12Page - Analog Devices LTM4659EVPBF Datasheet HTML 13Page - Analog Devices LTM4659EVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
LTM4659
10
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The frequency can be programmed to switch from 1MHz
to 3MHz. Table 2 shows the necessary RFREQ value for a
desired switching frequency.
Table 2. SW Frequency vs RFREQ Value
fSW
(MHz)
RFREQ
(kΩ)
1
549
2
274
2.2
243
3
178
Synchronizing the Oscillator to an External Clock
The LTM4659 switching frequency can also be adjusted
by synchronizing the internal PLL circuit to an external
clock to the MODE/SYNC pin. The synchronization fre-
quency range is 1MHz to 2.6MHz. The LTM4659 operates
in FCM when synchronized to an external clock.
Connect the FREQ pin to VIN configures the MODE/SYNC
pinasaclockinput.Duringsynchronization,thetoppower
switch turn-on is locked to the rising edge of the external
frequencysource.Theslopecompensationisautomatically
adapted to the external clock frequency.
At start-up, before the LTM4659 recognizes the external
clock applied to MODE/SYNC, the LTM4659 will switch at
its default frequency of 2MHz. Once the externally applied
clock is recognized, the switching frequency will gradu-
ally transition from the default frequency to the applied
frequency. If the external clock is removed, the LTM4659
will slowly transition back to the default frequency.
The synchronizing clock amplitude should be greater than
1.2V and less than 0.4V with a pulse width greater than
40ns. An internal 200k resistor on the MODE/SYNC pin
to AGND allows the MODE/SYNC to be floating. Note that
a low switching frequency will increase the inductor peak
current and the output voltage ripple.
transient response analysis and calculation of the output
ripple reduction as the number of phases implemented
increases by N times.
Modes of Operation
The MODE/SYNC pin either synchronizes the external
switching frequency, or a clock output, to set the PWM
mode. The PWM modes of operation are either pulse-
skipping (PSM) or forced continuous mode (FCM).
See Table 1.
Table 1. LTM4659 Single-Phase Configuration
FREQ PIN
CONNECTION
MODE/SYNC
PIN CONNECTION
MODE OF
OPERATION
SWITCHING
FREQUENCY
VIN
Clock Input
FCM
External
Clock
VIN
AGND
FCM
2MHz Default
VIN
VIN
PSM
2MHz Default
Resistor
to AGND
Clock Output
FCM
RFREQ
Programmed
The LTM4659 operates in FCM for low noise or PSM for
high efficiency at light load. The LTM4659 operates in
PSM when both FREQ and MODE/SYNC pins are con-
nected to VIN. In PSM, switching cycles are skipped at
light load to regulate the output voltage. The LTM4659
defaults to FCM in regulation and during synchroniza-
tion. During FCM, the top switch turns on every cycle
and light load regulation is achieved by allowing negative
inductor current.
Setting the Operating Frequency
The operating frequency defaults to 2MHz when the FREQ
pin is connected to VIN. If any frequency higher than the
default frequency is required, the frequency can be pro-
grammed by tying a resistor from the FREQ pin to AGND
using Equation 4.
RFREQ = 568 • f(SW)(–1.08)
(4)
where RFREQ is in kΩ and fSW is the desired switching
frequency in MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com