Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112A/B/N Datasheet(PDF) 30 Page - Texas Instruments

Part # TMP112A/B/N
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112A/B/N Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMP112A/B/N Datasheet HTML 26Page - Texas Instruments TMP112A/B/N Datasheet HTML 27Page - Texas Instruments TMP112A/B/N Datasheet HTML 28Page - Texas Instruments TMP112A/B/N Datasheet HTML 29Page - Texas Instruments TMP112A/B/N Datasheet HTML 30Page - Texas Instruments TMP112A/B/N Datasheet HTML 31Page - Texas Instruments TMP112A/B/N Datasheet HTML 32Page - Texas Instruments TMP112A/B/N Datasheet HTML 33Page - Texas Instruments TMP112A/B/N Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Device
SCL
SDA
GND
V+
ALERT
ADD0
C
(F)
10 nF
R
(F)
5 k
Ω
Supply Voltage
Figure 8-3. Noise Reduction Techniques (for SOT563-6 package as an example)
8.2.3 Application Curves
Figure 8-4 shows the step response of the TMP112 family (for SOT563-6 package) to a submersion in an oil
bath of 100ºC from room temperature (27ºC). The time-constant, or the time for the output to reach 63% of the
input step, is 0.8s (for SOT563-6 package) and TBDs (for X2SON-5 package). The time-constant result depends
on the printed-circuit board (PCB) that the TMP112 family is mounted. For this test, the TMP112 family was
soldered to a two-layer PCB that measured 0.375 inches × 0.437 inches.
Time (s)
-1
1
3
5
7
9
11
13
15
17
19
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
Figure 8-4. Temperature Step Response (for SOT563-6 package)
8.2.4 Power Supply Recommendations
The TMP112 family operates with power supply in the range of 1.4 to 3.6 V. The device is optimized for operation
at 3.3-V supply but can measure temperature accurately in the full supply range.
A power-supply bypass capacitor is required for proper operation. Place this capacitor as close as possible
to the supply and ground pins of the device. A typical value for this supply bypass capacitor is 0.01 μF (for
SOT563-6 package) and 0.1 μF (for X2SON-5 package). Applications with noisy or high-impedance power
supplies can require additional decoupling capacitors to reject power-supply noise.
8.3 Layout
8.3.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.01 μF (for SOT563-6 package) and 0.1 μF (for X2SON-5 package). Additional
decoupling capacitance can be added to compensate for noisy or high-impedance power supplies. Pull up the
open-drain output pins (SDA, SCL) through 2-kΩ or 1.2-kΩ pullup resistors. However, using a minimal SDA and
ALERT pins pull-up current is recommended to prevent self-heating and temperature accuracy reduction.
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
30
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com