Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112A/B/N Datasheet(PDF) 35 Page - Texas Instruments

Part # TMP112A/B/N
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112A/B/N Datasheet(HTML) 35 Page - Texas Instruments

Back Button TMP112A/B/N Datasheet HTML 31Page - Texas Instruments TMP112A/B/N Datasheet HTML 32Page - Texas Instruments TMP112A/B/N Datasheet HTML 33Page - Texas Instruments TMP112A/B/N Datasheet HTML 34Page - Texas Instruments TMP112A/B/N Datasheet HTML 35Page - Texas Instruments TMP112A/B/N Datasheet HTML 36Page - Texas Instruments TMP112A/B/N Datasheet HTML 37Page - Texas Instruments TMP112A/B/N Datasheet HTML 38Page - Texas Instruments TMP112A/B/N Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision I (December 2018) to Revision J (February 2024)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Added X2SON (DPW) package (TMP112Dx) and related information throughout the document .....................1
• Changed reporting quiescent current from previous Maximum values to Typical values in the Features section
............................................................................................................................................................................1
• Added Device Comparison section ................................................................................................................... 3
• Added Output current (±10mA) to Absolute Maximum Ratings section............................................................. 5
• Changed DRL package Thermal Information section.........................................................................................5
• Added DPW package to Thermal Information section........................................................................................5
• Added Thermal Mass to Thermal Information section........................................................................................5
• Added TMP112Dx (DPW package) information to Electrical Characteristics ....................................................6
• Changed “Timeout time” in description to “Timeout (SCL=GND or SDA=GND)”............................................... 6
• Added the average quiescent current for “Serial bus inactive, CR1 = 0, CR0 = 1” to the DRL package
information in the Electrical Characteristics .......................................................................................................6
• Added Fast Mode Plus column to the Timing Requirements table.....................................................................8
• Moved the "Two-Wire Timing Diagram" figure from the Two-Wire Timing Diagrams section to the
Specifications section ........................................................................................................................................ 8
• Added TMP112Dx and TMP110 information to the Advantages of TMP112 Family Versus TMP102 and
TMP110 table .................................................................................................................................................. 14
• Added 0.0625 and -0.0625 row to Temperature column of 12-Bit Temperature Data Format and 13-Bit
Temperature Data Format tables in the Digital Temperature Output section................................................... 15
• Updated Address and Alert Variant Device Target Address table in the Serial Bus Address section to include
the new package (TMP112Dx) ........................................................................................................................ 17
• Changed “Output Transfer Function Diagrams” figure to “Comparator Mode” and “Interrupt Mode” figures for
more clarity....................................................................................................................................................... 25
• Added Layout Guidelines and Layout Example for new package.................................................................... 30
Changes from Revision H (October 2018) to Revision I (December 2018)
Page
• Deleted Absolute Maximum Ratings for output voltage and replaced with pin level information....................... 5
• Changed input voltage maximum to voltage maximum for SCL, ADD0 and SDA pins......................................5
• Added voltage at ALERT pin Absolute Maximum Ratings ................................................................................ 5
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com