Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP112A/B/N Datasheet(PDF) 36 Page - Texas Instruments

Part # TMP112A/B/N
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112A/B/N Datasheet(HTML) 36 Page - Texas Instruments

Back Button TMP112A/B/N Datasheet HTML 32Page - Texas Instruments TMP112A/B/N Datasheet HTML 33Page - Texas Instruments TMP112A/B/N Datasheet HTML 34Page - Texas Instruments TMP112A/B/N Datasheet HTML 35Page - Texas Instruments TMP112A/B/N Datasheet HTML 36Page - Texas Instruments TMP112A/B/N Datasheet HTML 37Page - Texas Instruments TMP112A/B/N Datasheet HTML 38Page - Texas Instruments TMP112A/B/N Datasheet HTML 39Page - Texas Instruments TMP112A/B/N Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
www.ti.com
PACKAGE OUTLINE
C
4X 0.27
0.17
3X 0.288
0.188
0.4 MAX
0.05
0.00
2X
0.48
0.239
0.139
0.25 0.1
B
0.85
0.75
A
0.85
0.75
(0.1)
4X (0.05)
(0.324)
2X (0.26)
X2SON - 0.4 mm max height
DPW0005A
PLASTIC SMALL OUTLINE - NO LEAD
4223102/D 03/2022
PIN 1 INDEX AREA
SEATING PLANE
NOTE 3
1
2
3
4
0.1
C A B
0.05
C
5
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The size and shape of this feature may vary.
NOTE 3
SCALE 12.000
TMP112
SBOS473J – MARCH 2009 – REVISED FEBRUARY 2024
www.ti.com
36
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com