| Electronic Components Datasheet Search |
|
XRT83VSH28IB Datasheet(PDF) 13 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT83VSH28IB Datasheet(HTML) 13 Page - Exar Corporation |
|
13 / 74 page ![]() PRELIMINARY XRT83VSH28 10 REV. P1.0.0 8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT PARALLEL MICROPROCESSOR INTERFACE SIGNAL NAME BGA LEAD # TYPE DESCRIPTION HW/HOST T10 I Mode Control Input This pin is used to select Host mode or Hardware mode. By default, the LIU is set in Hardware mode. To use Host mode, this pin must be pulled "Low". NOTE: Internally pulled “High” with a 50k Ω resistor. WR_R/W/EQC0 D7 I Write Input(R/W)/Equalizer Control Signal 0 Host Mode This pin is used to communicate a Read or Write operation according to the which microprocessor is chosen. See the Microprocessor Section of this datasheet for details. Hardware Mode EQC[4:0] are used to set the Receiver Gain, Receiver Impedance and the Transmit Line Build Out. See Table 19 for more details. NOTE: Internally pulled “Low” with a 50k Ω resistor. RD_DS/EQC1 C7 I Read Input (Data Strobe)/Equalizer Control Signal 1 Host Mode This pin is used to communicate a Read or Write operation according to the which microprocessor is chosen. See the Microprocessor Section of this datasheet for details. Hardware Mode EQC[4:0] are used to set the Receiver Gain, Receiver Impedance and the Transmit Line Build Out. See Table 19 for more details. NOTE: Internally pulled “Low” with a 50k Ω resistor. ALE/EQC2 A7 I Address Latch Input (Address Strobe) Host Mode This pin is used to latch the address contents into the internal registers within the LIU device. See the Microprocessor Section of this datasheet for details. Hardware Mode EQC[4:0] are used to set the Receiver Gain, Receiver Impedance and the Transmit Line Build Out. See Table 19 for more details. NOTE: Internally pulled “Low” with a 50k Ω resistor. CS/EQC3 B7 I Chip Select Input - Host mode: Host Mode This pin is used to initiate communication with the microprocessor interface. See the Microprocessor Section of this datasheet for details. Hardware Mode EQC[4:0] are used to set the Receiver Gain, Receiver Impedance and the Transmit Line Build Out. See Table 19 for more details. NOTE: Internally pulled “Low” with a 50k Ω resistor. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |