Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH28IB Datasheet(PDF) 68 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 68 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 64Page - Exar Corporation XRT83VSH28IB Datasheet HTML 65Page - Exar Corporation XRT83VSH28IB Datasheet HTML 66Page - Exar Corporation XRT83VSH28IB Datasheet HTML 67Page - Exar Corporation XRT83VSH28IB Datasheet HTML 68Page - Exar Corporation XRT83VSH28IB Datasheet HTML 69Page - Exar Corporation XRT83VSH28IB Datasheet HTML 70Page - Exar Corporation XRT83VSH28IB Datasheet HTML 71Page - Exar Corporation XRT83VSH28IB Datasheet HTML 72Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 74 page
background image
XRT83VSH28
PRELIMINARY
65
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
D2
BYTEsel
LCV Counter Byte Select
This bit is used to select the MSB or LSB for Reading the contents
of the LCV counter for a given channel. The channel is addressed
by using bits D[3:0] in register 0x8Ch. By default, the LSB byte is
selected.
0 = Low Byte
1 = High Byte
R/W
0
D1
chUPDATE LCV Counter Update Per Channel
This bit is used to latch the contents of the counter for a given
channel into a holding register so that the value of the counter can
be read. The channel is addressed by using bits D[3:0] in register
0x8Ch.
0 = Normal Operation
1 = Updates the Selected Channel
R/W
0
D0
chRESET
LCV Counter Reset Per Channel
This bit is used to reset the LCV counter of a given channel to its
default state 0000h. The channel is addressed by using bits D[3:0]
in register 0x8Ch. This bit must be set to "1" for 1
µS.
0 = Normal Operation
1 = Resets the Selected Channel
R/W
0
TABLE 40: MICROPROCESSOR REGISTER 0X8EH BIT DESCRIPTION
GLOBAL REGISTER (0X8EH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
D6
D5
D4
D3
D2
D1
D0
LCVCNT7
LCVCNT6
LCVCNT5
LCVCNT4
LCVCNT3
LCVCNT2
LCVCNT1
LCVCNT0
Line Code Violation Byte Contents
These bits contain the LCV counter contents of the Byte selected
by bit D2 in register 0x8Dh for a given channel. The channel is
addressed by using bits D[3:0] in register 0x8Ch. By default, the
contents contain the LSB, however no channel is selected..
R/W
0
0
0
0
0
0
0
0
TABLE 39: MICROPROCESSOR REGISTER 0X8DH BIT DESCRIPTION
GLOBAL REGISTER (0X8DH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com