Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH28IB Datasheet(PDF) 56 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 56 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 52Page - Exar Corporation XRT83VSH28IB Datasheet HTML 53Page - Exar Corporation XRT83VSH28IB Datasheet HTML 54Page - Exar Corporation XRT83VSH28IB Datasheet HTML 55Page - Exar Corporation XRT83VSH28IB Datasheet HTML 56Page - Exar Corporation XRT83VSH28IB Datasheet HTML 57Page - Exar Corporation XRT83VSH28IB Datasheet HTML 58Page - Exar Corporation XRT83VSH28IB Datasheet HTML 59Page - Exar Corporation XRT83VSH28IB Datasheet HTML 60Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
XRT83VSH28
PRELIMINARY
53
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
D1
JABW
Jitter Bandwidth
The jitter bandwidth is a global setting that is applied to both the
receiver and transmitter jitter attenuator.
0 = 10Hz
1 = 1.5Hz
R/W
0
D0
FIFOS
FIFO Depth Select
The FIFO depth select is used to configure the part for a 32-bit or
64-bit FIFO (within the jitter attenuator blocks). The delay of the
FIFO is equal to ½ the FIFO depth. This is a global setting that is
applied to both the receiver and transmitter FIFO.
0 = 32-Bit
1 = 64-Bit
R/W
0
TABLE 21: MICROPROCESSOR REGISTER 0X02H BIT DESCRIPTION
CHANNEL 0-7 (0X02H-0X72H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
INVQRSS
QRSS inversion
INVQRSS is used to invert the transmit QRSS pattern set by the
TxTEST[2:0] bits. By default, INVQRSS is disabled and the QRSS
will be transmitted with normal polarity.
0 = Disabled
1 = Enabled
R/W
0
D6
D5
D4
TxTEST2
TxTEST1
TxTEST0
Test Code Pattern
TxTEST[2:0] are used to select a diagnostic test pattern to the line
(transmit outputs).
0XX = No Pattern
100 = Tx QRSS
101 = Tx TAOS
110 = Reserved
111 = Reserved
R/W
0
0
0
TABLE 20: MICROPROCESSOR REGISTER 0X01H BIT DESCRIPTION
CHANNEL 0-7 (0X01H-0X71H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com