Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH28IB Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 25Page - Exar Corporation XRT83VSH28IB Datasheet HTML 26Page - Exar Corporation XRT83VSH28IB Datasheet HTML 27Page - Exar Corporation XRT83VSH28IB Datasheet HTML 28Page - Exar Corporation XRT83VSH28IB Datasheet HTML 29Page - Exar Corporation XRT83VSH28IB Datasheet HTML 30Page - Exar Corporation XRT83VSH28IB Datasheet HTML 31Page - Exar Corporation XRT83VSH28IB Datasheet HTML 32Page - Exar Corporation XRT83VSH28IB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
PRELIMINARY
XRT83VSH28
26
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
2.6
RxMUTE (Receiver LOS with Data Muting)
The receive muting function can be selected by setting RxMUTE to "1" in the appropriate global register. If
selected, any channel that experiences an RLOS condition will automatically pull RPOS and RNEG "Low" to
prevent data chattering. If RLOS does not occur, the RxMUTE will remain inactive until an RLOS on a given
channel occurs. The default setting for RxMUTE is "0" which is disabled. A simplified block diagram of the
RxMUTE function is shown in Figure 12.
FIGURE 12. SIMPLIFIED BLOCK DIAGRAM OF THE RXMUTE FUNCTION
RLOS
RxMUTE
RPOS
RNEG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com