Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH28IB Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 66Page - Exar Corporation XRT83VSH28IB Datasheet HTML 67Page - Exar Corporation XRT83VSH28IB Datasheet HTML 68Page - Exar Corporation XRT83VSH28IB Datasheet HTML 69Page - Exar Corporation XRT83VSH28IB Datasheet HTML 70Page - Exar Corporation XRT83VSH28IB Datasheet HTML 71Page - Exar Corporation XRT83VSH28IB Datasheet HTML 72Page - Exar Corporation XRT83VSH28IB Datasheet HTML 73Page - Exar Corporation XRT83VSH28IB Datasheet HTML 74Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
XRT83VSH28
PRELIMINARY
67
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
6.0
ELECTRICAL CHARACTERISTICS
NOTE: Input leakage current excludes pins that are internally pulled "Low" or "High"
TABLE 44: ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-65°C to +150°C
Operating Temperature
-40°C to +85°C
Supply Voltage
-0.5V to +3.8V
Vin
-0.5V to +5.5V
TABLE 45: DC DIGITAL INPUT AND OUTPUT ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Power Supply Voltage
VDD
3.13
3.3
3.46
V
Input High Voltage
VIH
2.0
-
5.0
V
Input Low Voltage
VIL
-0.5
-
0.8
V
Output High Voltage IOH=2.0mA
VOH
2.4
-
V
Output Low Voltage IOL=2.0mA
VOL
-
-
0.4
V
Input Leakage Current
IL
-
-
±10
µA
Input Capacitance
CI
-
5.0
pF
Output Lead Capacitance
CL
-
-
25
pF
TABLE 46: AC ELECTRICAL CHARACTERISTICS
VDD=3.3V ±5%, TA=25°C, UNLESS OTHERWISE SPECIFIED
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
MCLKin Clock Duty Cycle
40
-
60
%
MCLKin Clock Tolerance
-
±50
-
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com