Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH28IB Datasheet(PDF) 44 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 44 Page - Exar Corporation

Back Button XRT83VSH28IB Datasheet HTML 40Page - Exar Corporation XRT83VSH28IB Datasheet HTML 41Page - Exar Corporation XRT83VSH28IB Datasheet HTML 42Page - Exar Corporation XRT83VSH28IB Datasheet HTML 43Page - Exar Corporation XRT83VSH28IB Datasheet HTML 44Page - Exar Corporation XRT83VSH28IB Datasheet HTML 45Page - Exar Corporation XRT83VSH28IB Datasheet HTML 46Page - Exar Corporation XRT83VSH28IB Datasheet HTML 47Page - Exar Corporation XRT83VSH28IB Datasheet HTML 48Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 74 page
background image
XRT83VSH28
PRELIMINARY
41
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
REV. P1.0.0
FIGURE 31. TIMING DIAGRAM FOR THE MICROPROCESSOR SERIAL INTERFACE
TABLE 9: MICROPROCESSOR SERIAL INTERFACE TIMINGS ( TA = 25
0C, V
DD=3.3V± 5% AND LOAD = 10PF)
SYMBOL
PARAMETER
MIN.
TYP.
MAX
UNITS
t21
CS Low to Rising Edge of SClk
5
ns
t22
SDI to Rising Edge of SClk
5
ns
t23
SDI to Rising Edge of SClk Hold Time
5
ns
t24
SClk "Low" Time
20
ns
t25
SClk "High" Time
20
ns
t26
SClk Period
40
ns
t28
CS Inactive Time
40
ns
t29
Falling Edge of SClk to SDO Valid Time
5
ns
t31
Rising edge of CS to High Z
5
ns
SDI
ADDR 6
R/w
ADDR 7
CS
SCLK
CS
SCLK
SDI
SDO
D0
D1
D2
D7
t21
t22
t23
t24
t25
t26
t28
t29
t31
Don’t Care (Read mode)
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com