Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRT83VSH28IB Datasheet(PDF) 3 Page - Exar Corporation

Part # XRT83VSH28IB
Description  8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83VSH28IB Datasheet(HTML) 3 Page - Exar Corporation

  XRT83VSH28IB Datasheet HTML 1Page - Exar Corporation XRT83VSH28IB Datasheet HTML 2Page - Exar Corporation XRT83VSH28IB Datasheet HTML 3Page - Exar Corporation XRT83VSH28IB Datasheet HTML 4Page - Exar Corporation XRT83VSH28IB Datasheet HTML 5Page - Exar Corporation XRT83VSH28IB Datasheet HTML 6Page - Exar Corporation XRT83VSH28IB Datasheet HTML 7Page - Exar Corporation XRT83VSH28IB Datasheet HTML 8Page - Exar Corporation XRT83VSH28IB Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
PRELIMINARY
XRT83VSH28
3
REV. P1.0.0
8-CHANNEL E1 SHORT-HAUL LINE INTERFACE UNIT
FEATURES
• Fully integrated eight channel short-haul transceivers for E1 (2.048MHz) applications
• Internal Impedance matching on both receive and transmit for 75Ω (E1) and 120Ω (E1) applications are per
port selectable through software without changing components
• Power down on a per channel basis with independent receive and transmit selection
• User programable Arbitrary Pulse mode
• On-Chip transmit short-circuit protection and limiting protects line drivers from damage on a per channel
basis
• Selectable Crystal-Less digital jitter attenuators (JA) with 32-Bit or 64-Bit FIFO for the receive or transmit
path
• Driver failure monitor output (DMO) alerts of possible system or external component problems
• Transmit outputs and receive inputs may be "High" impedance for protection or redundancy applications on a
per channel basis
• Support for automatic protection switching
• 1:1 and 1+1 protection without relays
• Receive monitor mode handles 0 to 6dB resistive attenuation (flat loss) along with 0 to 6dB cable loss
• Loss of signal (RLOS) according to ITU-T G.775/ETS300233 (E1)
• Programmable data stream muting upon RLOS detection
• On-Chip HDB3 encoder/decoder with an internal 16-bit LCV counter for each channel
• On-Chip digital clock recovery circuit for high input jitter tolerance
• QRSS/PRBS pattern generator and detection for testing and monitoring
• Error and bipolar violation insertion and detection
• Transmit all ones (TAOS) Generators and Detectors
• Supports local analog, remote, digital, and dual loopback modes
• Supports gapped clocks for mapper/multiplexer applications
• 1.8V Inner Core
• 3.3V I/O Supply Operation
• 225 ball BGA package
• -40°C to +85°C Temperature Range
ORDERING INFORMATION
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE
XRT83VSH28IB
225 Ball BGA
-40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com