Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9503 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 5 Page - NXP Semiconductors

  SA9503 Datasheet HTML 1Page - NXP Semiconductors SA9503 Datasheet HTML 2Page - NXP Semiconductors SA9503 Datasheet HTML 3Page - NXP Semiconductors SA9503 Datasheet HTML 4Page - NXP Semiconductors SA9503 Datasheet HTML 5Page - NXP Semiconductors SA9503 Datasheet HTML 6Page - NXP Semiconductors SA9503 Datasheet HTML 7Page - NXP Semiconductors SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
1999 Jul 29
5
MODE SELECT LOGIC AND DC CHARACTERISTICS
The SA9503 chip has several modes of operation for which the selection logic is defined in the following two tables. Different mode selections
require different portions of the circuit to be active. Modes from unlisted combinations of logic pins, are not valid. Total current consumption of
the device is the sum of the currents for the mixer portion (Table 2) and the LNA portion (Table 3).
Table 2.
Mode logic definition for Downconverter mixers
VCC = 2.7 V to 3.3 V, 2.85 V typical; Tamb = –40 to +85 °C
(Tx) LO
(Tx) LO
LOGIC INPUT PINS
CURRENT (mA)
MODES
(Tx) LO
BUFFER
()
BUFFER
OUTPUT
DOUBLER
POWER
DOWN1
PCS/CEL
CDMA/FM
LO DOUBLER
(Tx) LO
ENABLE
TYP
MAX
PCS
1
PCS1
On
2 GHz
Off
1
1
0
1
26
29.9
2
PCS1 Idle
Off
—
Off
1
1
0
0
16
18.4
3
PCS2
On
2 GHz
On
1
1
1
1
30
34.5
4
PCS2 Idle
Off
—
On
1
1
1
0
20
23
Cellular CDMA
5
CDMA
On
1 GHz
Off
1
0
1
1
23
26.5
6
CDMA Idle
Off
—
Off
1
0
1
0
13
15
7
FM
On
1 GHz
Off
1
0
0
1
16.8
19.3
8
FM Idle
Off
—
Off
1
0
0
0
6.8
7.8
Power Down
9
Sleep1
x
x
Off
0
x
x
x
1
µA
50
µA
NOTES:
x = Don’t care
1. The device will be in the Power Down mode (sleep) when control lines S0 = 1, S1 = 0, and S2 = 0.
Table 3.
Mode logic definition for LNA
VCC = 2.7 V to 3.3 V, 2.85 V typical; Tamb = –40 to +85 °C
MODES
LOGIC INPUTS
CURRENT CONSUMPTION (mA)
MODES
PCS/CEL
S0
S1
S2
TYP
MAX
1
CEL_L (High linearity)
0
1
1
1
13.2
15.0
2
CEL_1 (High gain)
0
0
1
1
4.9
6.0
3
CEL_2 (Next lower gain)
0
0
1
0
4.9
6.0
4
CEL_3 (Next lower gain)
0
0
0
1
4.9
6.0
5
CEL_4 (Next lower gain)
0
0
0
0
3.7
4.5
6
PCS_L (High linearity)
1
1
1
1
13.3
15.0
7
PCS_1 (High gain)
1
0
1
1
5.9
7.2
8
PCS_2 (Lower gain)
1
0
1
0
5.9
7.2
9
PCS_3 (Next lower gain)
1
0
0
1
5.9
7.2
10
PCS_4 (Next lower gain)
1
0
0
0
3.7
4.5
11
Mixers ON (LNA portion OFF)
x
1
1
0
1
µA
50
µA
12
Reserved (Sleep)
x
1
0
1
(Note 1)
(Note 1)
13
Sleep
x
1
0
0
(Note 1)
(Note 1)
NOTES:
x = Don’t care
1. The device will be in the Power Down mode (sleep) when control lines S0 = 1, S1 = 0, and S2 = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com