Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9503 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SA9503 Datasheet HTML 7Page - NXP Semiconductors SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors SA9503 Datasheet HTML 10Page - NXP Semiconductors SA9503 Datasheet HTML 11Page - NXP Semiconductors SA9503 Datasheet HTML 12Page - NXP Semiconductors SA9503 Datasheet HTML 13Page - NXP Semiconductors SA9503 Datasheet HTML 14Page - NXP Semiconductors SA9503 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
1999 Jul 29
11
TYPICAL DOWNCONVERTER SPECIFICATIONS WITH TEMPERATURE VARIATION FROM –40
°C TO +85°C
VCC = 2.7 V to 3.3 V
SPECIFICATION
TEMPERATURE
UNIT
SPECIFICATION
–40
°C
25
°C
85
°C
UNIT
Cellular Band
Conversion Gain Variation
1
0
–1
dB
IP3 Variation
FM
0
0
–1
dB
CDMA
0.5
0
–1
dB
Noise Figure Variation
FM
–1.5
0
0.8
dB
CDMA
–1.1
0
0.8
dB
PCS Band
Conversion Gain Variation
1
0
–1
dB
IP3 Variation
0.5
0
–1
dB
Noise Figure Variation
–1.4
0
0.8
dB
t.b.d.
Figure 2.
Typical Radio Architecture using SA9503
Table 4.
Typical S-Parameters
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com