Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9503 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 3 Page - NXP Semiconductors

  SA9503 Datasheet HTML 1Page - NXP Semiconductors SA9503 Datasheet HTML 2Page - NXP Semiconductors SA9503 Datasheet HTML 3Page - NXP Semiconductors SA9503 Datasheet HTML 4Page - NXP Semiconductors SA9503 Datasheet HTML 5Page - NXP Semiconductors SA9503 Datasheet HTML 6Page - NXP Semiconductors SA9503 Datasheet HTML 7Page - NXP Semiconductors SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
1999 Jul 29
3
BLOCK DIAGRAM
2
2
CELLULAR
PCS
RX BPF
Fo = 1960 MHz
BW = 60 MHz
2
PCS_IF
2
CDMA IF BPF
BW = 1.23MHz
×2
2
2
2
2
1
LO_OUT
LO_ENABLE
CEL
LO_IN
VCC
BIAS
CTRL
SA9503
1
FM_IF
FM IF BPF
BW = 30kHz
SR01935
MODE
SELECT
LOGIC
5
CDMA/FM
PCS/CELLULAR
S0
S1
S2
CEL_IN
RX BPF
Fo = 881.5MHz
BW = 25 MHz
CEL_OUT
PCS_IN
PCS_OUT
RF_PCS
RF_CEL
CDMA_IF
2
PCS IF BPF
BW = 1.23MHz
2
PCS
LO_IN
1
2
Figure 1.
SA9503 Block Diagram
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATINGS
UNIT
Supply voltage (VCC)
–0.3 to +3.6
V
Gain control voltage
+3.6
V
Logic input voltage
–0.3 to VCC+0.3
V
Maximum power input
+20
dBm
Power dissipation (Tamb = 25°C)
800
mW
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage (VCC)
2.7
2.85
3.3
V
Operating ambient temperature range (Tamb)
–40
+85
°C
Logic input signal levels
LOW level input voltage range (VIL)
At logic 0
–0.3
0.2VCC
V
HIGH level input voltage range (VIH)
At logic 1
0.5VCC
VCC+0.3
V
Input bias current (Ibias)
At logic 1 or logic 0
–5
+5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com