Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9503 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA9503 Datasheet HTML 4Page - NXP Semiconductors SA9503 Datasheet HTML 5Page - NXP Semiconductors SA9503 Datasheet HTML 6Page - NXP Semiconductors SA9503 Datasheet HTML 7Page - NXP Semiconductors SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors SA9503 Datasheet HTML 10Page - NXP Semiconductors SA9503 Datasheet HTML 11Page - NXP Semiconductors SA9503 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
1999 Jul 29
8
TYPICAL LNA SPECIFICATIONS WITH TEMPERATURE VARIATION AT –40
°C AND +85°C
VCC = 2.7 V to 3.3 V
SPECIFICATION
CONDITIONS
TEMPERATURE
UNIT
SPECIFICATION
CONDITIONS
–40
°C
0
°C
+85
°C
UNIT
Cellular band LNA
Supply current variation
All modes
–100
0
–100
µA
CEL_L
0.7
0
–0.7
dB
CEL_1
1
0
–1
dB
Gain variation
CEL_2
1
0
–1
dB
CEL_3
0.8
0
–0.8
dB
CEL_4
0.6
0
–0.5
dB
CEL_L
–0.2
0
0.2
dB
CEL_1
–0.3
0
0.3
dB
Noise Figure variation
CEL_2
–0.4
0
0.4
dB
CEL_3
–0.7
0
0.7
dB
CEL_4
–1
0
0.7
dB
CEL_L
–1.4
0
0
dBm
CEL 1
∆f = 800 kHz
0.35
0
–0.25
dBm
Input IP3 variation
CEL_1
∆f = 60 kHz
–0.35
0
0.3
dBm
Input IP3 variation
CEL_2
0.25
0
0
dBm
CEL_3
0.75
0
–0.9
dBm
CEL_4
1
0
–1.2
dBm
PCS band LNA
Supply current variation
All modes
–40
0
–40
µA
PCS_L
0.8
0
–0.8
dB
PCS_1
0.8
0
–1
dB
Gain variation
PCS_2
0.9
0
–0.8
dB
PCS_3
0.9
0
–0.8
dB
PCS_4
0.5
0
–0.5
dB
PCS_L
–0.3
0
0.3
dB
PCS_1
–0.4
0
0.4
dB
Noise Figure variation
PCS_2
–0.6
0
0.5
dB
PCS_3
–1
0
0.8
dB
PCS_4
–1
0
0.8
dB
PCS_L
0.4
0
–1
dBm
PCS_1
0.9
0
–1
dBm
Input IP3 variation
PCS_2
0.3
0
–0.7
dBm
PCS_3
0.7
0
–0.7
dBm
PCS_4
1.3
0
–0.4
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com