Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9503 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA9503 Datasheet HTML 3Page - NXP Semiconductors SA9503 Datasheet HTML 4Page - NXP Semiconductors SA9503 Datasheet HTML 5Page - NXP Semiconductors SA9503 Datasheet HTML 6Page - NXP Semiconductors SA9503 Datasheet HTML 7Page - NXP Semiconductors SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors SA9503 Datasheet HTML 10Page - NXP Semiconductors SA9503 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
1999 Jul 29
7
PARAMETER
UNIT
LIMITS
TEST CONDITIONS
PARAMETER
UNIT
MAX
+3
σ
TYP
–3
σ
MIN
TEST CONDITIONS
PCS Band LNA
RF input frequency range
1810
1990
MHz
S11
50
Ω with external matching
–9
dB
S22
50
Ω with external matching
–12
dB
Basic Gain Spread,
∆Gp
Common to all PCS modes
–1
0
1
dB
PCS_L Mode
Gain, S21
15.2 +
∆Gp
dB
Noise Figure
2.5
3
dB
Input IP3
2–tones of –30 dBm each.
∆f=800 kHz
3.5
4.5
dBm
S12
–40
dB
PCS_1 Mode
Gain, S21
14.3+
∆Gp
dB
Noise Figure
2.0
2.4
dB
Input IP3
2–tones of –30 dBm each.
∆f=800 kHz
0
1
dBm
S12
–40
dB
PCS_2 Mode
Nominal Gain, S21
8 +
∆Gp
dB
Additional Gain spread
Relative to nominal gain
–2
2
Noise Figure
2.5
2.9
dB
Input IP3
2–tones of –30 dBm each.
∆f=800 kHz
–3
–2
dBm
S12
–40
dB
PCS_3 Mode
Nominal Gain, S21
2 +
∆Gp
dB
Additional Gain spread
Relative to nominal gain
–2
2
Noise Figure
3.7
4.1
dB
Input IP3
2–tones of –30 dBm each.
∆f=800 kHz
–2
–1
dBm
S12
–40
dB
PCS_4 Mode
Gain, S21
–4.5 +
∆Gp
dB
Additional Gain spread
Relative to nominal gain
–2
2
Noise Figure
11.5
12
dB
Input IP3
2–tones of –20 dBm each.
∆f=800 kHz
16
dBm
S12
–30
dB
LO (input and Output) to LNA
input isolation.
LO single-ended in, differential out, with
and without doubler. 0 dBm LO in, (Tx) LO
buffer ON, when in active modes. External
36
dB
All modes.
,
Cellular and PCS filters connected, with
30 dB LO rejection from them.
Settling time
Change of mode
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com