Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9503 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA9503 Datasheet HTML 5Page - NXP Semiconductors SA9503 Datasheet HTML 6Page - NXP Semiconductors SA9503 Datasheet HTML 7Page - NXP Semiconductors SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors SA9503 Datasheet HTML 10Page - NXP Semiconductors SA9503 Datasheet HTML 11Page - NXP Semiconductors SA9503 Datasheet HTML 12Page - NXP Semiconductors SA9503 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
1999 Jul 29
9
DOWNCONVERTER
AC ELECTRICAL CHARACTERISTICS
VCC = 2.7 V to 3.3 V; Tamb = 25°C, Plo= –3 dBm.
fIF = 130MHz, output differential load of 1kΩ for CDMA, and 850Ω for FM, as per application.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
PARAMETER
TEST CONDITIONS
MIN
–3
s
TYP
+3
s
MAX
UNIT
Cellular Band Downconverter
RF input frequency range
869
894
MHz
LO input frequency range
950
1030
MHz
IF output frequency range (CDMA)
50
300
MHz
IF output frequency range (FM)
50
300
MHz
IF Output Load Impedance
CDMA, differential
1000
Ω
FM, Single-ended, with ext. balun
850
Ω
Conversion Gain
CDMA
10.5
11.5
12
dB
FM
6.5
7.5
8.0
dB
Noise Figure
CDMA mode, SSB
9.0
10.0
dB
FM mode, SSB
10
11
dB
Input IP3
CDMA mode
∆f1 = 900 kHz, ∆f2 = 1700 kHz
P1, P2 = –30 dBm
Tone spacing = 800 kHz
3.5
dBm
FM mode. P1, P2 = –24 dBm.
Tone spacing = 60 kHz, 330 kHz
5.0
dBm
RF Input Return Loss
ZS=50Ω with external matching
11.0
dB
LO Input Return Loss
ZS=50Ω
10.0
dB
(Tx) LO Output Return Loss
ZS=100Ω differential
10
dB
LO Input Power Range
–9.0
–6.0
0.0
dBm
(Tx) LO Output Power Range
ZL=100Ω differential; (Tx) LO buffer ON.
–10.0
–6.0
–3.0
dBm
LO (Input and Output) to RF Leakage
CDMA
–35
dBm
FM
–30
dBm
LO (Input and Output) to IF Leakage
CDMA
–30
dBm
FM
–20
dBm
RF to LO (Input) Isolation
30
dB
RF to IF Isolation
Single-ended in, differential out
CDMA
17
dB
FM
10
dB
(Tx) LO Output to LO Input Isolation
30
dB
Leakage conversion gain
f1 = fRX ± 40 MHz at LNA input.
P1 = – 70 dBm.
All LNA cellular modes.
Measured through conversion gain in
stop-band, without SAW filters being
connected. Pins terminated with resistive
equivalent load.
–40
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com